Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA150-TQ896A Datasheet(PDF) 3 Page - Actel Corporation

Part # APA150-TQ896A
Description  Automotive-Grade ProASIC Flash Family FPGAs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150-TQ896A Datasheet(HTML) 3 Page - Actel Corporation

  APA150-TQ896A Datasheet HTML 1Page - Actel Corporation APA150-TQ896A Datasheet HTML 2Page - Actel Corporation APA150-TQ896A Datasheet HTML 3Page - Actel Corporation APA150-TQ896A Datasheet HTML 4Page - Actel Corporation APA150-TQ896A Datasheet HTML 5Page - Actel Corporation APA150-TQ896A Datasheet HTML 6Page - Actel Corporation APA150-TQ896A Datasheet HTML 7Page - Actel Corporation APA150-TQ896A Datasheet HTML 8Page - Actel Corporation APA150-TQ896A Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Automotive-Grade ProASICPLUS Flash Family FPGAs
A u t o m o t i ve S upp l e m e nt
3
General Description
ProASICPLUS devices offer a reprogrammable design
integration solution at the automotive temperature
range (-40°C to +125°C) through the use of nonvolatile
Flash technology. ProASICPLUS devices have a fine-grain
architecture, similar to ASICs, and enable engineers to
design high-density systems using existing ASIC or FPGA
design flows and tools. Automotive-grade ProASICPLUS
devices offer up to 1 million system gates, support up to
198kbits of two-port SRAM and 642 user I/Os and provide
50 MHz PCI performance.
The nonvolatile and reprogrammable Flash technology
enables ProASICPLUS devices to be live at power-up, and
no external boot PROM is required to support device
programming. While on-board security mechanisms
prevent any access to the programmed information,
reprogramming can be performed in-system to support
future
design
iterations
and
field
upgrades.
The
ProASICPLUS device architecture mitigates the complexity
of ASIC migration at higher user volume, making the
automotive-grade ProASICPLUS a cost-effective solution
for in-cabin telematics and automobile interconnect
applications.
The ProASICPLUS family is built on an advanced Flash-
based 0.22
µm LVCMOS process with four layers of metal.
Standard
CMOS
design
techniques
are
used
to
implement logic and control functions, including the
PLLs
and
LVPECL
inputs,
resulting
in
predictable
performance fully compatible with gate arrays.
The
ProASICPLUS
architecture
provides
granularity
comparable to gate arrays. The device core consists of a
Sea-of-Tiles
. Each tile can be configured as a flip-flop,
latch,
or
three-input/one-output logic
function
by
programming
the
appropriate
Flash
switches.
The
combination
of
fine
granularity,
flexible
routing
resources, and abundant Flash switches allows 100%
utilization and over 95% routability for highly congested
designs. Tiles and larger functions are interconnected
through a four-level routing hierarchy.
Automotive-grade
ProASICPLUS
devices
feature
embedded two-port SRAM blocks with built-in FIFO/RAM
control logic and user-defined depth and width. Users
can
select
programming
for
synchronous
or
asynchronous operation, as well as parity generation or
checking.
The
automotive-grade
ProASICPLUS
devices offer a
unique clock conditioning circuit (CCC), with two clock
conditioning blocks in each device. Each block provides a
phase-locked loop (PLL) core, delay lines, phase shifts (0
°,
90
°, 180°, 270°), and clock multipliers/dividers, as well as
the circuitry required to provide bidirectional access to
the PLL. The PLL block contains four programmable
frequency dividers, which allow the incoming clock
signal to be divided by a wide range of factors from 1 to
64. The clock conditioning circuit can perform a positive/
negative clock delay operation in increments of 0.25 ns
by up to 8 ns. The PLL can be configured internally or
externally during operation without redesigning or
reprogramming the part. In addition to the PLL, there
are two LVPECL differential input pairs to accommodate
high speed clock and data inputs.
The automotive-grade ProASICPLUS devices are available
in a variety of high-performance plastic packages to
simplify the system board design.
To support for comprehensive, lower cost board-level
testing, Actel’s ProASICPLUS devices are fully compatible
with IEEE Standard 1149.1 for test access port and
boundary-scan test architecture.


Similar Part No. - APA150-TQ896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA150-TQ1152ES ACTEL-APA150-TQ1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA150-TQ1152I ACTEL-APA150-TQ1152I Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA150-TQ1152PP ACTEL-APA150-TQ1152PP Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA150-TQB ACTEL-APA150-TQB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA150-TQES ACTEL-APA150-TQES Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA150-TQ896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com