Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTAX250-SLCG624EV Datasheet(PDF) 9 Page - Actel Corporation

Part # RTAX250-SLCG624EV
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX250-SLCG624EV Datasheet(HTML) 9 Page - Actel Corporation

Back Button RTAX250-SLCG624EV Datasheet HTML 5Page - Actel Corporation RTAX250-SLCG624EV Datasheet HTML 6Page - Actel Corporation RTAX250-SLCG624EV Datasheet HTML 7Page - Actel Corporation RTAX250-SLCG624EV Datasheet HTML 8Page - Actel Corporation RTAX250-SLCG624EV Datasheet HTML 9Page - Actel Corporation RTAX250-SLCG624EV Datasheet HTML 10Page - Actel Corporation RTAX250-SLCG624EV Datasheet HTML 11Page - Actel Corporation RTAX250-SLCG624EV Datasheet HTML 12Page - Actel Corporation RTAX250-SLCG624EV Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 170 page
background image
RTAX-S/SL RadTolerant FPGAs
v5.3
1-1
General Description
RTAX-S/SL offers high performance at densities of up to
two million equivalent system gates for space-based
applications.
Based
upon
the
Actel
commercial
Axcelerator® family, RTAX-S/SL has several system-level
features such as embedded SRAM (with built-in FIFO
control logic), segmentable clocks, chip-wide highway
routing, and carry logic.
Featuring SEU-hardened flip-flops that offer the benefits
of user-implemented Triple Module Redundancy (TMR)
without the associated overhead, the RTAX-S/SL family is
the second generation Actel product offering for space
applications. The RTAX-S/SL devices are manufactured
using a 0.15 µm technology at a UMC facility in Taiwan.
These devices offer levels of radiation survivability far in
excess of typical CMOS devices.
Device Architecture
Actel RTAX-S/SL architecture, derived from the highly-
successful A54SX-A sea-of-modules architecture, has
been designed for high performance and total logic
module utilization (Figure 1-1). Unlike traditional FPGAs,
the entire floor of the RTAX-S/SL device is covered with a
grid of logic modules, with virtually no chip area lost to
interconnect elements or routing.
Programmable Interconnect
Element
The RTAX-S/SL family uses a patented metal-to-metal
antifuse programmable interconnect element that resides
between the upper two layers of metal (Figure 1-2 on
page 1-2). This completely eliminates the channels of
routing and interconnect resources between logic
modules (as implemented on traditional FPGAs) and
enables the efficient sea-of-modules architecture. The
antifuses
are
normally
open
circuit
and,
when
programmed,
form
a
permanent,
passive,
low-
impedance connection, leading to the fastest signal
propagation in the industry. In addition, the extremely
small size of these interconnect elements gives the
RTAX-S family abundant routing resources.
Figure 1-1 • Sea-of-Modules Comparison
Switch
Matrix
Routing
Logic Block
Logic
Modules
Sea-of-Modules
Architecture
Traditional FPGA
Architecture


Similar Part No. - RTAX250-SLCG624EV

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX250-SLCG624EV

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com