Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA075-FG896A Datasheet(PDF) 2 Page - Actel Corporation

Part # APA075-FG896A
Description  Automotive-Grade ProASIC Flash Family FPGAs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA075-FG896A Datasheet(HTML) 2 Page - Actel Corporation

  APA075-FG896A Datasheet HTML 1Page - Actel Corporation APA075-FG896A Datasheet HTML 2Page - Actel Corporation APA075-FG896A Datasheet HTML 3Page - Actel Corporation APA075-FG896A Datasheet HTML 4Page - Actel Corporation APA075-FG896A Datasheet HTML 5Page - Actel Corporation APA075-FG896A Datasheet HTML 6Page - Actel Corporation APA075-FG896A Datasheet HTML 7Page - Actel Corporation APA075-FG896A Datasheet HTML 8Page - Actel Corporation APA075-FG896A Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Automotive-Grade ProASICPLUS Flash Family FPGAs
2
A ut om ot i v e Supp l e m e nt
Ordering Information
Plastic Device Resources
Speed Grade Matrix
Contact your local Actel sales representative for device availability.
User I/Os*
Device
TQFP
100-Pin
PQFP
208-Pin
FBGA
144-Pin
FBGA
256-Pin
FBGA
484-Pin
FBGA
896-Pin
APA075
66
158
100
APA150
66
158
100
186
APA300
158
100
186
APA450
158
100
186
344
APA600
158
186
370
APA750
158
562
APA1000
158
642
Package Definitions
TQFP = Thin Quad Flat Pack, PQFP = Plastic Quad Flat Pack, FBGA = Fine Pitch Ball Grid Array
*Each pair of PECL I/Os were counted as one user I/O.
Std
Automotive-Grade
APA1000
FG
Part Number
Package Type
PQ = Plastic Quad Flat Pack (0.5mm pitch)
TQ = Thin Quad Flat Pack (1.4mm pitch)
FG
= Fine Pitch Ball Grid Array (1.0mm pitch)
896
A
Package Lead Count
Application
150,000 Equivalent System Gates
APA150
=
75,000 Equivalent System Gates
APA075
=
APA450
APA600
APA750
APA1000
450,000 Equivalent System Gates
600,000 Equivalent System Gates
750,000 Equivalent System Gates
1,000,000 Equivalent System Gates
APA300
300,000 Equivalent System Gates
=
=
=
=
=
A = Automotive (-40 to 125˚C)


Similar Part No. - APA075-FG896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-FG1152ES ACTEL-APA075-FG1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA075-FG1152I ACTEL-APA075-FG1152I Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA075-FG1152PP ACTEL-APA075-FG1152PP Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA075-FGB ACTEL-APA075-FGB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA075-FGES ACTEL-APA075-FGES Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA075-FG896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com