Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA450-TQ896A Datasheet(PDF) 4 Page - Actel Corporation

Part # APA450-TQ896A
Description  Automotive-Grade ProASIC Flash Family FPGAs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA450-TQ896A Datasheet(HTML) 4 Page - Actel Corporation

  APA450-TQ896A Datasheet HTML 1Page - Actel Corporation APA450-TQ896A Datasheet HTML 2Page - Actel Corporation APA450-TQ896A Datasheet HTML 3Page - Actel Corporation APA450-TQ896A Datasheet HTML 4Page - Actel Corporation APA450-TQ896A Datasheet HTML 5Page - Actel Corporation APA450-TQ896A Datasheet HTML 6Page - Actel Corporation APA450-TQ896A Datasheet HTML 7Page - Actel Corporation APA450-TQ896A Datasheet HTML 8Page - Actel Corporation APA450-TQ896A Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Automotive-Grade ProASICPLUS Flash Family FPGAs
4
A ut om ot i v e Supp l e m e nt
Operating Conditions
Performance Retention
Actel guarantees the performance numbers presented in the Actel Designer timing analysis software and in this
datasheet, as long as the specified device performance retention period is not exceeded. For devices operated and
stored at 110°C or less, the performance retention period is 20 years after programming. For devices operated and
stored at temperatures greater than 110°C, refer to Table 2 on page 5 to determine the performance retention period.
Actel does not guarantee performance if the performance retention period is exceeded. Evaluate the percentage of
time spent at the highest temperature, then determine the next highest temperature to which the device will be
exposed. In Table 2 on page 5, find the temperature profile that most closely matches the application.
For example, the ambient temperature of a system cycles between 100°C (25% of the time) and 50°C (75% of the
time). No forced ventilation cooling system is in use. An APA600-PQ208A FPGA operates in the system, dissipating 1W.
The package thermal resistance (junction-to-ambient) in still air is 20°C/W, indicating that the junction temperature of
the FPGA will be 120°C (25% of the time) and 70°C (75% of the time). The entry in Table 2 on page 5, which most
closely matches the application, is 25% at 125°C with 75% at 110°C. Performance retention in this example is at least
16.0 years.
Note that exceeding the stated retention period may result in a performance degradation in the FPGA below the
worst-case performance indicated in the Actel Timer. To ensure that performance does not degrade below the worst-
case values in the Actel Timer, the FPGA must be reprogrammed within the performance retention period. In addition,
note that performance retention is independent of whether or not the FPGA is operating. The retention period of a
device in storage at a given temperature will be the same as the retention period of a device operating at that
junction temperature.
Table 1 • Absolute Maximum Ratings*
Parameter
Condition
Minimum
Maximum
Units
Supply Voltage Core (VDD)–0.3
3.0
V
Supply Voltage I/O Ring (VDDP)–0.3
4.0
V
DC Input Voltage
–0.3
VDDP + 0.3
V
PCI DC Input Voltage
–1.0
VDDP + 1.0
V
PCI DC Input Clamp Current (absolute)
VIN < –1V or VIN = VDDP + 1V
10
mA
LVPECL Input Voltage
–0.3
VDDP + 0.5
V
GND
00
V
Note: *Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to
absolute maximum rated conditions for extended periods may affect device reliability.


Similar Part No. - APA450-TQ896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA450-TQ1152ES ACTEL-APA450-TQ1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450-TQ1152I ACTEL-APA450-TQ1152I Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450-TQ1152PP ACTEL-APA450-TQ1152PP Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450-TQB ACTEL-APA450-TQB Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA450-TQES ACTEL-APA450-TQES Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA450-TQ896A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com