Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A40MX02-PL208A Datasheet(PDF) 5 Page - Actel Corporation

Part # A40MX02-PL208A
Description  40MX and 42MX Automotive FPGA Families
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A40MX02-PL208A Datasheet(HTML) 5 Page - Actel Corporation

  A40MX02-PL208A Datasheet HTML 1Page - Actel Corporation A40MX02-PL208A Datasheet HTML 2Page - Actel Corporation A40MX02-PL208A Datasheet HTML 3Page - Actel Corporation A40MX02-PL208A Datasheet HTML 4Page - Actel Corporation A40MX02-PL208A Datasheet HTML 5Page - Actel Corporation A40MX02-PL208A Datasheet HTML 6Page - Actel Corporation A40MX02-PL208A Datasheet HTML 7Page - Actel Corporation A40MX02-PL208A Datasheet HTML 8Page - Actel Corporation A40MX02-PL208A Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
40MX and 42MX Automotive FPGA Families
v3.1
1-1
40MX and 42MX Automotive FPGA Families
General Description
Actels' automotive-grade MX families provide a high-
performance, single-chip solution for shortening the
system design and development cycle, offering a cost-
effective alternative to ASICs for in-cabin telematics and
automobile interconnect applications. The 40MX and
42MX devices are excellent choices for integrating logic
that is currently implemented in multiple PALs, CPLDs,
and FPGAs.
The MX device architecture is based on Actel’s patented
antifuse technology implemented in a 0.45µm triple-
metal CMOS process. With capacities ranging from 3,000
to 54,000 system gates, the MX devices are live on
power-up and have one-fifth the standby power
consumption of comparable FPGAs. Actel’s MX FPGAs
provide up to 202 user I/Os and are available in a wide
variety of packages and speed grades.
The automotive-grade 42MX24 and 42MX36 include
system-level features such as IEEE Standard 1149.1 (JTAG)
Boundary Scan Testing and fast wide-decode modules. In
addition, the A42MX36 device offers dual-port SRAM for
implementing fast FIFOs, LIFOs, and temporary data
storage. The storage elements can efficiently address
applications requiring wide datapath manipulation.
MX Architectural Overview
The MX devices are composed of fine-grained building
blocks that enable fast, efficient logic designs. All devices
within these families are composed of logic modules, I/O
modules, routing resources and clock networks, which
are the building blocks for fast logic designs. In addition,
the A42MX36 device contains embedded dual-port
SRAM modules, which are optimized for high-speed
datapath functions such as FIFOs, LIFOs and scratchpad
memory. A42MX24 and A42MX36 also contain wide-
decode modules.
Logic Modules
The 40MX logic module is an eight-input, one-output
logic circuit designed to implement a wide range of logic
functions with efficient use of interconnect routing
resources (Figure 1-1).
The logic module can implement the four basic logic
functions (NAND, AND, OR and NOR) in gates of two,
three, or four inputs. The logic module can also
implement a variety of D-latches, exclusivity functions,
AND-ORs and OR-ANDs. No dedicated hardwired latches
or flip-flops are required in the array; latches and flip-
flops can be constructed from logic modules whenever
required in the application.
The 42MX devices contain three types of logic modules:
combinatorial (C-modules), sequential (S-modules) and
decode
(D-modules).
Figure 1-2
illustrates
the
combinatorial logic module. The S-module, shown in
Figure 1-3
on
page
1-2,
implements
the
same
combinatorial logic function as the C-module while
adding a sequential element. The sequential element can
be configured as either a D-flip-flop or a transparent
latch. The S-module register can be bypassed so that it
implements purely combinatorial logic.
A42MX24 and A42MX36 devices contain D-modules,
which are arranged around the periphery of the device.
D-modules contain wide-decode circuitry, providing a
fast, wide-input AND function similar to that found in
CPLD architectures (Figure 1-4 on page 1-2). The D-
module allows A42MX24 and A42MX36 devices to
perform wide-decode functions at speeds comparable to
CPLDs and PALs. The output of the D-module has a
programmable
inverter
for
active
HIGH
or
LOW
assertion. The D-module output is hardwired to an
output pin, and can also be fed back into the array to be
incorporated into other logic.
Figure 1-1 • 40MX Logic Module
Figure 1-2 • 42MX C-Module Implementation
D00
D01
D10
D11
S0
S1
Y
A0
B0
A1
B1


Similar Part No. - A40MX02-PL208A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX02-PL208A MICROSEMI-A40MX02-PL208A Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results

Similar Description - A40MX02-PL208A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com