Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A500K050-PQ208PP Datasheet(PDF) 10 Page - Actel Corporation

Part # A500K050-PQ208PP
Description  ProASIC 500K Family
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A500K050-PQ208PP Datasheet(HTML) 10 Page - Actel Corporation

Back Button A500K050-PQ208PP Datasheet HTML 6Page - Actel Corporation A500K050-PQ208PP Datasheet HTML 7Page - Actel Corporation A500K050-PQ208PP Datasheet HTML 8Page - Actel Corporation A500K050-PQ208PP Datasheet HTML 9Page - Actel Corporation A500K050-PQ208PP Datasheet HTML 10Page - Actel Corporation A500K050-PQ208PP Datasheet HTML 11Page - Actel Corporation A500K050-PQ208PP Datasheet HTML 12Page - Actel Corporation A500K050-PQ208PP Datasheet HTML 13Page - Actel Corporation A500K050-PQ208PP Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Pr oAS I C ® 500K Fa mily
10
Discontinued – v3.0
with pull-up resistors to ensure proper operation when no
input data is supplied to them. These pins are dedicated for
boundary-scan test usage.
The TAP controller is a four-bit state machine (16 states)
that operates as shown in Figure 11 on page 11. The ‘1’s and
‘0’s represent the values that must be present at TMS at a
rising edge of TCK for the given state transition to occur. IR
and DR indicate that the instruction register or the data
register is operating in that state.
The TAP controller receives two control inputs (TMS and
TCK) and generates control and clock signals for the rest of
the test logic architecture. On power up, the TAP controller
enters the Test-Logic-Reset state. To guarantee a reset of
the controller from any of the possible states, TMS must
remain high for five TCK cycles. The TRST pin may also be
used to asynchronously place the TAP controller in the
Test-Logic-Reset state.
ProASIC devices support three types of test data registers:
bypass, device identification, and boundary scan. The bypass
register is selected when no other register needs to be
accessed in a device; this speeds up test data transfer to
other devices in a test data path. The 32-bit device
identification register is a shift register with four fields
(LSB, ID number, part number and version). The
boundary-scan register observes and controls the state of
each I/O pin.
Each I/O cell has three boundary-scan register cells, each
with a serial-in, serial-out, parallel-in, and parallel-out pin.
The serial pins are used to serially connect all the
boundary-scan register cells in a device into a boundary
scan register chain which starts at the TDI pin and ends at
the TDO pin. The parallel ports are connected to the
internal core logic tile and the input, output, and control
ports of an I/O buffer to capture and load data into the
register to control or observe the logic state of each I/O.
Details on the implementation of boundary-scan testing on
ProASIC devices can be found in the Actel application note,
Using JTAG Boundary-Scan with ProASIC Devices.
Figure 10 • ProASIC JTAG Boundary Scan Test Logic Circuit
Device
Logic
I/O
I/O
I/O
I/O
I/O
Bypass Register
Instruction
Register
TAP
Controller
Test Data
Registers


Similar Part No. - A500K050-PQ208PP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A500 POWEREX-A500 Datasheet
141Kb / 3P
   SILICON RECTIFIER
logo
Littelfuse
A500 LITTELFUSE-A500 Datasheet
123Kb / 2P
   GAS DISCHARGE TUBE - 5x5mm
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
   Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Powerex Power Semicondu...
A500L POWEREX-A500L Datasheet
141Kb / 3P
   SILICON RECTIFIER
More results

Similar Description - A500K050-PQ208PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
TT Electronics.
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
   Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
logo
ATGBICS by Approved Tec...
GMFIBER-SFP-500K-C ATGBICS-GMFIBER-SFP-500K-C Datasheet
293Kb / 8P
   GMFIBER-SFP-500K Sixnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com