Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A500K050-PQ208 Datasheet(PDF) 8 Page - Actel Corporation

Part # A500K050-PQ208
Description  ProASIC 500K Family
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A500K050-PQ208 Datasheet(HTML) 8 Page - Actel Corporation

Back Button A500K050-PQ208 Datasheet HTML 4Page - Actel Corporation A500K050-PQ208 Datasheet HTML 5Page - Actel Corporation A500K050-PQ208 Datasheet HTML 6Page - Actel Corporation A500K050-PQ208 Datasheet HTML 7Page - Actel Corporation A500K050-PQ208 Datasheet HTML 8Page - Actel Corporation A500K050-PQ208 Datasheet HTML 9Page - Actel Corporation A500K050-PQ208 Datasheet HTML 10Page - Actel Corporation A500K050-PQ208 Datasheet HTML 11Page - Actel Corporation A500K050-PQ208 Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
Pr oAS I C ® 500K Fa mily
8
Discontinued – v3.0
Cl ock T r ees
One of the main architectural benefits of ProASIC is the set
of power and delay friendly global networks. The ProASIC
family offers 4 global trees. Each of these trees is based on a
network of spines and ribs that reach all the tiles in their
regions (Figure 7). This flexible clock tree architecture
allows users to map up to 56 different internal/external
clocks in an A500K270 device (Table 1).
The flexible use of the ProASIC clock spine allows the
designer to cope with several design requirements. Users
implementing clock resource intensive applications can
easily route external or gated internal clocks using global
routing spines. Users can also drastically reduce delay
penalties and save buffering resources by mapping critical
high fanout nets to spines. For design hints on using these
features, refer to the Efficient Use of ProASIC Clock Trees
application note.
Figure 7 • A500K130 Global Routing Resources
Table 1 • Number of Clock Spines
A500K050
A500K130
A500K180
A500K270
Top Spine Height
24
32
40
56
Tiles in Each Top Spine
768
1,024
1,280
1,792
Bottom Spine Height
32
40
56
64
Tiles in Each Bottom Spine
1,024
1,280
1,792
2,048
Global Clock Networks (Trees)
4
4
4
4
Clock Spines/Tree
6
10
12
14
Total Spines
24
40
48
56
Total Tiles
5,376
12,800
18,432
26,880
PAD RING
PAD RING
Global
Pads
Global
Pads
High Performace
Global Network
Low Skew
Global Networks
Global Spine
Global Ribs
Scope of Spine


Similar Part No. - A500K050-PQ208

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A500 POWEREX-A500 Datasheet
141Kb / 3P
   SILICON RECTIFIER
logo
Littelfuse
A500 LITTELFUSE-A500 Datasheet
123Kb / 2P
   GAS DISCHARGE TUBE - 5x5mm
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
   Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Powerex Power Semicondu...
A500L POWEREX-A500L Datasheet
141Kb / 3P
   SILICON RECTIFIER
More results

Similar Description - A500K050-PQ208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
TT Electronics.
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
   Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
logo
ATGBICS by Approved Tec...
GMFIBER-SFP-500K-C ATGBICS-GMFIBER-SFP-500K-C Datasheet
293Kb / 8P
   GMFIBER-SFP-500K Sixnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com