Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A500K180-BG208ES Datasheet(PDF) 4 Page - Actel Corporation

Part # A500K180-BG208ES
Description  ProASIC 500K Family
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A500K180-BG208ES Datasheet(HTML) 4 Page - Actel Corporation

  A500K180-BG208ES Datasheet HTML 1Page - Actel Corporation A500K180-BG208ES Datasheet HTML 2Page - Actel Corporation A500K180-BG208ES Datasheet HTML 3Page - Actel Corporation A500K180-BG208ES Datasheet HTML 4Page - Actel Corporation A500K180-BG208ES Datasheet HTML 5Page - Actel Corporation A500K180-BG208ES Datasheet HTML 6Page - Actel Corporation A500K180-BG208ES Datasheet HTML 7Page - Actel Corporation A500K180-BG208ES Datasheet HTML 8Page - Actel Corporation A500K180-BG208ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
Pr oAS I C ® 500K Fa mily
4
Discontinued – v3.0
Pr oASIC 500K Archit ect ure
The ProASIC 500K family’s proprietary architecture
provides granularity comparable to gate arrays. Unlike
SRAM-based
FPGAs
that
utilize
look-up
tables
or
architectural mapping during design, ProASIC device
designs are directly synthesized to gates. That streamlines
the design flow, increases design productivity, and
eliminates dependencies on vendor-specific design tools.
The
ProASIC
500K
device
core
consists
of
a
Sea-of-Tiles™(Figure 1), each of which can be configured as
a 3-input logic function (e.g., NAND gate, D-Flip-Flop, etc.)
by
programming
the
appropriate
Flash
switch
interconnections (See Figure 2 on page 5 and Figure 3 on
page 5). Gates and larger functions are connected with four
levels of routing hierarchy. Flash memory bits are
distributed throughout the device to provide nonvolatile,
reconfigurable interconnect programming. Flash switches
are programmed to connect signal lines to the appropriate
logic cell inputs and outputs. Dedicated high-performance
lines are connected as needed for fast, low-skew global
signal distribution throughout the core. Maximum core
utilization is possible for virtually any design.
The ProASIC 500K devices also contain embedded two-port
SRAM blocks with built-in FIFO/RAM control logic.
Programming options include synchronous or asynchronous
operation, two-port RAM configurations, user defined depth
and width, and parity generation or checking. Table 3 on
page 12 lists the 24 basic memory configurations.
Fl as h Swi t ch
In the ProASIC Flash switch, two transistors share the
floating gate which stores the programming information.
One is the Flash transistor which stores programming
information and in which erasing is performed. The second
transistor
connects/separates
routing
elements
or
configuration signal lines (Figure 2 on page 5).
Lo gi c Ti l e
The logic tile cell, Figure 3 on page 5, has three inputs (any
or all of which can be inverted) and one output (which can
connect to both ultra fast local and efficient long line
routing resources). Any three-input one-output logic
function, except a three input XOR, can be configured as
one tile. Two multiplexers with feedback paths through the
NAND gates allow the tile to be configured as a latch with
clear or set, or as a flip-flop with clear or set. Thus, the tiles
can flexibly map logic and sequential gates of a design.
Figure 1 • The ProASIC Device Architecture
256x9 Two-Port SRAM
or FIFO Block
Logic Tile


Similar Part No. - A500K180-BG208ES

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A500 POWEREX-A500 Datasheet
141Kb / 3P
   SILICON RECTIFIER
logo
Littelfuse
A500 LITTELFUSE-A500 Datasheet
123Kb / 2P
   GAS DISCHARGE TUBE - 5x5mm
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
   Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Powerex Power Semicondu...
A500L POWEREX-A500L Datasheet
141Kb / 3P
   SILICON RECTIFIER
More results

Similar Description - A500K180-BG208ES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
TT Electronics.
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
   Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
logo
ATGBICS by Approved Tec...
GMFIBER-SFP-500K-C ATGBICS-GMFIBER-SFP-500K-C Datasheet
293Kb / 8P
   GMFIBER-SFP-500K Sixnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com