Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A500K180-PQ208 Datasheet(PDF) 3 Page - Actel Corporation

Part # A500K180-PQ208
Description  ProASIC 500K Family
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A500K180-PQ208 Datasheet(HTML) 3 Page - Actel Corporation

  A500K180-PQ208 Datasheet HTML 1Page - Actel Corporation A500K180-PQ208 Datasheet HTML 2Page - Actel Corporation A500K180-PQ208 Datasheet HTML 3Page - Actel Corporation A500K180-PQ208 Datasheet HTML 4Page - Actel Corporation A500K180-PQ208 Datasheet HTML 5Page - Actel Corporation A500K180-PQ208 Datasheet HTML 6Page - Actel Corporation A500K180-PQ208 Datasheet HTML 7Page - Actel Corporation A500K180-PQ208 Datasheet HTML 8Page - Actel Corporation A500K180-PQ208 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
Discontinued – v3.0
3
Pr oAS I C ® 5 00K Fa mily
Pr oduc t Plan
Plastic Device Reso urce s
Application
C
I
A500K050 Device
144-Pin Fine Ball Grid Array (FBGA)
208-Pin Plastic Quad Flat Pack (PQFP)
272-Pin Plastic Ball Grid Array (PBGA)
A500K130 Device
144-Pin Fine Ball Grid Array (FBGA)
208-Pin Plastic Quad Flat Pack (PQFP)
272-Pin Plastic Ball Grid Array (PBGA)
256-Pin Plastic Ball Grid Array (PBGA)
456-Pin Plastic Ball Grid Array (PBGA)
A500K180 Device
208-Pin Plastic Quad Flat Pack (PQFP)
256-Pin Plastic Ball Grid Array (PBGA)
456-Pin Plastic Ball Grid Array (PBGA)
A500K270 Device
208-Pin Plastic Quad Flat Pack (PQFP)
256-Pin Plastic Ball Grid Array (PBGA)
456-Pin Plastic Ball Grid Array (PBGA)
676-Pin Fine Ball Grid Array (FBGA)
Contact your Actel sales representative for package availability.
Applications:
C = Commercial
Availability:
✔ = Available – Contact your Actel Sale’s representative for the latest
I
= Industrial
availability information.
User I/Os
Device
PQFP
208-Pin
PBGA
272-Pin
PBGA
456-Pin
FBGA
144-Pin
FBGA
256-Pin
FBGA
676-Pin
A500K050
164
204
106
A500K130
164
204
306
106
192
A500K180
164
362
192
A500K270
164
362
192
440
Package Definitions
PQFP = Plastic Quad Flat Pack, PBGA = Plastic Ball Grid Array, FBGA = Fine Ball Grid Array


Similar Part No. - A500K180-PQ208

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A500 POWEREX-A500 Datasheet
141Kb / 3P
   SILICON RECTIFIER
logo
Littelfuse
A500 LITTELFUSE-A500 Datasheet
123Kb / 2P
   GAS DISCHARGE TUBE - 5x5mm
logo
NXP Semiconductors
A5000 NXP-A5000 Datasheet
377Kb / 26P
   Edge Lock Secure Authenticator
Rev. 1.0 ??28 March 2022
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Powerex Power Semicondu...
A500L POWEREX-A500L Datasheet
141Kb / 3P
   SILICON RECTIFIER
More results

Similar Description - A500K180-PQ208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA1000-FFGG1152I ACTEL-APA1000-FFGG1152I Datasheet
4Mb / 174P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
TT Electronics.
SWT6 TTELEC-SWT6 Datasheet
150Kb / 5P
   Model SWT6 Tactile Switches 6X6 mm 500K Actuations RoHS Compliant
logo
ATGBICS by Approved Tec...
GMFIBER-SFP-500K-C ATGBICS-GMFIBER-SFP-500K-C Datasheet
293Kb / 8P
   GMFIBER-SFP-500K Sixnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com