Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P125-1FGG144T Datasheet(PDF) 3 Page - Actel Corporation

Part # A3P125-1FGG144T
Description  Automotive ProASIC3 Flash Family FPGAs
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P125-1FGG144T Datasheet(HTML) 3 Page - Actel Corporation

  A3P125-1FGG144T Datasheet HTML 1Page - Actel Corporation A3P125-1FGG144T Datasheet HTML 2Page - Actel Corporation A3P125-1FGG144T Datasheet HTML 3Page - Actel Corporation A3P125-1FGG144T Datasheet HTML 4Page - Actel Corporation A3P125-1FGG144T Datasheet HTML 5Page - Actel Corporation A3P125-1FGG144T Datasheet HTML 6Page - Actel Corporation A3P125-1FGG144T Datasheet HTML 7Page - Actel Corporation A3P125-1FGG144T Datasheet HTML 8Page - Actel Corporation A3P125-1FGG144T Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
Automotive ProASIC3 Flash Family FPGAs
v1.0
III
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
Contact your local Actel representative for device availability:
http://www.actel.com/contact/default.aspx.
Package
A3P060
A3P125
A3P250
A3P1000
VQ100
C, I, T
C, I, T
C, I, T
FG144
C, I, T
C, I, T
C, I, T
C, I, T
FG256
C, I, T
C, I, T
FG484
C, I, T
Notes:
1. C = Commercial temperature range: 0°C to 70°C
2. I = Industrial temperature range: –40°C to 85°C
3. T = Automotive temperature range: Grade 2 and Grade 1 AEC-Q100
Grade 2 = 105°C TA and 115°C TJ
Grade 1 = 125°C TA and 135°C TJ
4. Specifications for Commercial and Industrial grade devices can be found in the ProASIC3 Flash Family FPGAs handbook.
Temperature Grade
Std.
–1
T (Grade 1 and Grade 2), Commercial, Industrial
✓✓
Notes:
1. T = Automotive temperature range: Grade 2 and Grade 1 AEC-Q100
Grade 2 = 105°C TA and 115°C TJ
Grade 1 = 125°C TA and 135°C TJ
2. Specifications for Commercial and Industrial grade devices can be found in the ProASIC3 Flash Family FPGAs handbook.


Similar Part No. - A3P125-1FGG144T

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P125-1FGG144 ACTEL-A3P125-1FGG144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P125-1FGG144 MICROSEMI-A3P125-1FGG144 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Actel Corporation
A3P125-1FGG144ES ACTEL-A3P125-1FGG144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P125-1FGG144ES MICROSEMI-A3P125-1FGG144ES Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Actel Corporation
A3P125-1FGG144I ACTEL-A3P125-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
More results

Similar Description - A3P125-1FGG144T

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com