Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3PE3000L-1FG144M Datasheet(PDF) 1 Page - Actel Corporation

Part # A3PE3000L-1FG144M
Description  Military ProASIC3/EL Low-Power Flash FPGAs
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3PE3000L-1FG144M Datasheet(HTML) 1 Page - Actel Corporation

  A3PE3000L-1FG144M Datasheet HTML 1Page - Actel Corporation A3PE3000L-1FG144M Datasheet HTML 2Page - Actel Corporation A3PE3000L-1FG144M Datasheet HTML 3Page - Actel Corporation A3PE3000L-1FG144M Datasheet HTML 4Page - Actel Corporation A3PE3000L-1FG144M Datasheet HTML 5Page - Actel Corporation A3PE3000L-1FG144M Datasheet HTML 6Page - Actel Corporation A3PE3000L-1FG144M Datasheet HTML 7Page - Actel Corporation A3PE3000L-1FG144M Datasheet HTML 8Page - Actel Corporation A3PE3000L-1FG144M Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 181 page
background image
August 2008
i
© 2008 Actel Corporation
Military ProASIC3/EL Low-Power Flash FPGAs
with Flash*Freeze Technology
Features and Benefits
Military Temperature Tested and Qualified
• Each Device Tested from –55°C to 125°C
Firm-Error Immune
• Not Susceptible to Neutron-Induced Configuration Loss
Low Power
• Dramatic Reduction in Dynamic and Static Power
• 1.2 V to 1.5 V Core and I/O Voltage Support for Low Power
• Low Power Consumption in Flash*Freeze Mode Allows for
Instantaneous Entry To / Exit From Low-Power Flash*Freeze
Modeƒ
• Supports Single-Voltage System Operation
• Low-Impedance Switches
High Capacity
• 600 k to 3 M System Gates
• Up to 504 kbits of True Dual-Port SRAM
• Up to 620 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
• Live-at-Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off
High Performance
• 350 MHz (1.5 V systems) and 250 MHz (1.2 V systems) System
Performance
• 3.3 V, 66 MHz, 66-Bit PCI (1.5 V systems) and 66 MHz, 32-Bit
PCI (1.2 V systems)
In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption
Standard (AES) Decryption via JTAG (IEEE 1532–compliant)
•FlashLock® to Secure FPGA Contents
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
• High-Performance, Low-Skew Global Network
• Architecture Supports Ultra-High Utilization
Advanced and Pro (Professional) I/Os††
• 700 Mbps DDR, LVDS-Capable I/Os
• 1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 8 Banks per Chip
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V /
2.5 V / 1.8 V / 1.5 V / 1.2 V, 3.3 V PCI / 3.3 V PCI-X, and
LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, BLVDS, and M-LVDS
• Voltage-Referenced I/O Standards: GTL+ 2.5 V / 3.3 V, GTL
2.5 V / 3.3 V, HSTL Class I and II, SSTL2 Class I and II, SSTL3
Class I and II (A3PE3000L only)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold-Sparing I/Os
• Programmable Output Slew Rate and Drive Strength
• Programmable Input Delay (A3PE3000L only)
• Schmitt Trigger Option on Single-Ended Inputs (A3PE3000L)
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the Military ProASIC®3EL
Family
Clock Conditioning Circuit (CCC) and PLL
• Six CCC Blocks, One with Integrated PLL (ProASIC3) and All
with Integrated PLL (ProASIC3EL)
• Configurable
Phase
Shift,
Multiply/Divide,
Delay
Capabilities, and External Feedback
• Wide Input Frequency Range 1.5 MHz to 250 MHz (1.2 V
systems) and 350 MHz (1.5 V systems)
SRAMs and FIFOs
• Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9,
and ×18 organizations available)
• True Dual-Port SRAM (except ×18)
• 24 SRAM and FIFO Configurations with Synchronous
Operation:
– 250 MHz: For 1.2 V Systems
– 350 MHz: For 1.5 V Systems
ARM® Processor Support in ProASIC3/EL FPGAs
• ARM Cortex™-M1 Soft Processor Available with or without
Debug
®
A3P1000 only supports 1.5 V core operation.
ƒ
Flash*Freeze technology is not available for A3P1000.
†† Pro I/Os are not available on A3P1000.
Table 1-1 • Military ProASIC3/EL Low-Power Devices
ProASIC3/EL Devices
A3PE600L
A3P1000
A3PE3000L
ARM Cortex-M1 Devices1
M1A3P1000
M1A3PE3000L
System Gates
600 k
1 M
3 M
VersaTiles (D-flip-flops)
13,824
24,576
75,264
RAM kbits (1,024 bits)
108
144
504
4,608-Bit Blocks
24
32
112
FlashROM Bits
1 k
1 k
1 k
Secure (AES) ISP2
Yes
Yes
Yes
Integrated PLL in CCCs
61
6
VersaNet Globals
18
18
18
I/O Banks
84
8
Maximum User I/Os
270
154
620
Package Pins
PQFP
FBGA
FG484
PQ208
FG144
FG484, FG896
Notes:
1. Refer to the Cortex-M1 product brief for more information.
2. AES is not available for ARM-enabled ProASIC3/EL devices.
v1.0


Similar Part No. - A3PE3000L-1FG144M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - A3PE3000L-1FG144M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-2FG256I MICROSEMI-A3P250-2FG256I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
M1A3P1000-1PQ208M MICROSEMI-M1A3P1000-1PQ208M Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-FGG484 MICROSEMI-A3P1000-FGG484 Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-FG484I MICROSEMI-A3P1000-FG484I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com