Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3PE3000L-PQG144M Datasheet(PDF) 11 Page - Actel Corporation

Part # A3PE3000L-PQG144M
Description  Military ProASIC3/EL Low-Power Flash FPGAs
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3PE3000L-PQG144M Datasheet(HTML) 11 Page - Actel Corporation

Back Button A3PE3000L-PQG144M Datasheet HTML 7Page - Actel Corporation A3PE3000L-PQG144M Datasheet HTML 8Page - Actel Corporation A3PE3000L-PQG144M Datasheet HTML 9Page - Actel Corporation A3PE3000L-PQG144M Datasheet HTML 10Page - Actel Corporation A3PE3000L-PQG144M Datasheet HTML 11Page - Actel Corporation A3PE3000L-PQG144M Datasheet HTML 12Page - Actel Corporation A3PE3000L-PQG144M Datasheet HTML 13Page - Actel Corporation A3PE3000L-PQG144M Datasheet HTML 14Page - Actel Corporation A3PE3000L-PQG144M Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 181 page
background image
Military ProASIC3/EL Device Family Overview
v1.0
1 - 7
The inputs of the six CCC blocks are accessible from the FPGA core or from one of several inputs
located near the CCC that have dedicated connections to the CCC block.
The CCC block has these key features:
Wide input frequency range (fIN_CCC) = 1.5 MHz up to 250 MHz
Output frequency range (fOUT_CCC) = 0.75 MHz up to 250 MHz
2 programmable delay types for clock skew minimization
Clock frequency synthesis
Additional CCC specifications:
Internal phase shift = 0°, 90°, 180°, and 270°. Output phase shift depends on the output
divider configuration.
Output duty cycle = 50% ± 1.5% or better
Low output jitter: worst case < 2.5% × clock period peak-to-peak period jitter when single
global network used
Maximum acquisition time is 300 µs
Exceptional tolerance to input period jitter—allowable input jitter is up to 1.5 ns
Four precise phases; maximum misalignment between adjacent phases of 40 ps × 250 MHz /
fOUT_CCC
Global Clocking
Military ProASIC3/EL devices have extensive support for multiple clocking domains. In addition to
the CCC and PLL support described above, there is a comprehensive global clock distribution
network.
Each VersaTile input and output port has access to nine VersaNets: six chip (main) and three
quadrant global networks. The VersaNets can be driven by the CCC or directly accessed from the
core via multiplexers (MUXes). The VersaNets can be used to distribute low-skew clock signals or for
rapid distribution of high-fanout nets.
I/Os with Advanced I/O Standards
The military ProASIC3/EL family of FPGAs features a flexible I/O structure, supporting a range of
voltages (1.5 V, 1.8 V, 2.5 V, and 3.3 V). In addition, 1.2 V I/O operation is supported for military
ProASIC3EL devices. Military ProASIC3/EL FPGAs support different I/O standards, including single-
ended, differential, and voltage-referenced (military ProASIC3EL). The I/Os are organized into
banks, with two, four, or eight (military ProASIC3EL only) banks per device. The configuration of
these banks determines the I/O standards supported. For military ProASIC3EL, each I/O bank is
subdivided into VREF minibanks, which are used by voltage-referenced I/Os. VREF minibanks contain
8 to 18 I/Os. All the I/Os in a given minibank share a common VREF line. Therefore, if any I/O in a
given VREF minibank is configured as a VREF pin, the remaining I/Os in that minibank will be able to
use that reference voltage.
Each I/O module contains several input, output, and enable registers. These registers allow the
implementation of the following:
Single-data-rate applications (e.g., PCI 66 MHz, bidirectional SSTL 2 and 3, Class I and II)
Double-data-Rate applications (e.g., DDR LVDS, B-LVDS, and M-LVDS I/Os for point-to-point
communications, and DDR 200 MHz SRAM using bidirectional HSTL Class II).
Military ProASIC3EL banks support LVPECL, LVDS, B-LVDS, and M-LVDS. B-LVDS and M-LVDS can
support up to 20 loads.
Part Number and Revision Date
Part Number 51700106-001-0
Revised August 2008


Similar Part No. - A3PE3000L-PQG144M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - A3PE3000L-PQG144M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-2FG256I MICROSEMI-A3P250-2FG256I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
M1A3P1000-1PQ208M MICROSEMI-M1A3P1000-1PQ208M Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-FGG484 MICROSEMI-A3P1000-FGG484 Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-FG484I MICROSEMI-A3P1000-FG484I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com