Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYG10
Description  Silicon Mesa SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG10 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYG10 Datasheet HTML 1Page - Vishay Siliconix BYG10 Datasheet HTML 2Page - Vishay Siliconix BYG10 Datasheet HTML 3Page - Vishay Siliconix BYG10 Datasheet HTML 4Page - Vishay Siliconix BYG10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYG10
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
2 (5)
Document Number 86008
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
1.1
V
g
IF=1.5A
VF
1.15
V
Reverse current
VR=VRRM
IR
1
mA
VR=VRRM, Tj=100°C
IR
10
mA
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
4
ms
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0.01
0.1
1
10
100
Tj – Junction Temperature ( °C )
200
94 9180
VR =VRRM
Figure 1. Typ. Reverse Current vs. Junction Temperature
0
0
0.4
0.8
1.2
1.6
2.0
Tamb – Ambient Temperature ( °C )
94 9179
40
80
120
160
200
125K/W
100K/W
150K/W
RthJA=25K/W
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0.6
1.2
1.8
2.4
0.01
0.1
1
10
100
VF – Forward Voltage ( V )
3.0
94 9284
Tj =25°C
Tj =75°C
Tj = 125°C
Figure 3. Typ. Forward Current vs. Forward Voltage
0
0
1000
2000
3000
4000
5000
94 9544
0.2
0.4
0.6
0.8
IF – Forward Current ( A )
1.0
Tamb= 100°C
Tamb= 125°C
Tamb=50°C
IR=0.5A, iR=0.125A
Tamb =25°C
Tamb =75°C
Figure 4. Typ. Reverse Recovery Time vs.
Forward Current


Similar Part No. - BYG10

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
BYG10A DAESAN-BYG10A Datasheet
211Kb / 2P
   STANDARD RECTIFIER
BYG10B DAESAN-BYG10B Datasheet
211Kb / 2P
   STANDARD RECTIFIER
BYG10D DAESAN-BYG10D Datasheet
211Kb / 2P
   STANDARD RECTIFIER
logo
Diotec Semiconductor
BYG10D DIOTEC-BYG10D Datasheet
768Kb / 3P
   Diode 600 V 1.5A Surface Mount DO-214AC, SMA
Version 2021-07-30
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D Datasheet
106Kb / 5P
   Standard Avalanche SMD Rectifier
Revision: 03-Jun-09
More results

Similar Description - BYG10

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
   Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
S420D VISHAY-S420D Datasheet
49Kb / 4P
   Silicon Mesa SMD Rectifier
Rev. 2, 24-Jun-98
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
   Fast Silicon Mesa SMD Rectifier
Rev. 1, 13-Aug-99
logo
Shenzhen Taychipst Elec...
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG20 VISHAY-BYG20 Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG22A TAYCHIPST-BYG22A Datasheet
3Mb / 2P
   Super Fast Silicon Mesa SMD Rectifier
logo
SUNMATE electronic Co.,...
BYG21K SUNMATE-BYG21K Datasheet
621Kb / 3P
   FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG22 VISHAY-BYG22 Datasheet
59Kb / 5P
   Super Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com