Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1A3P1000-1PQ144M Datasheet(PDF) 7 Page - Actel Corporation

Part # M1A3P1000-1PQ144M
Description  Military ProASIC3/EL Low-Power Flash FPGAs
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1A3P1000-1PQ144M Datasheet(HTML) 7 Page - Actel Corporation

Back Button M1A3P1000-1PQ144M Datasheet HTML 3Page - Actel Corporation M1A3P1000-1PQ144M Datasheet HTML 4Page - Actel Corporation M1A3P1000-1PQ144M Datasheet HTML 5Page - Actel Corporation M1A3P1000-1PQ144M Datasheet HTML 6Page - Actel Corporation M1A3P1000-1PQ144M Datasheet HTML 7Page - Actel Corporation M1A3P1000-1PQ144M Datasheet HTML 8Page - Actel Corporation M1A3P1000-1PQ144M Datasheet HTML 9Page - Actel Corporation M1A3P1000-1PQ144M Datasheet HTML 10Page - Actel Corporation M1A3P1000-1PQ144M Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 181 page
background image
Military ProASIC3/EL Device Family Overview
v1.0
1 - 3
reduce cost and design risk while increasing system reliability and improving system initialization
time.
Reduced Cost of Ownership
Advantages to the designer extend beyond low unit cost, performance, and ease of use. Unlike
SRAM-based FPGAs, flash-based military ProASIC3/EL devices allow all functionality to be live at
power-up; no external boot PROM is required. On-board security mechanisms prevent access to all
the programming information and enable secure remote updates of the FPGA logic. Designers can
perform secure remote in-system reprogramming to support future design iterations and field
upgrades with confidence that valuable intellectual property cannot be compromised or copied.
Secure ISP can be performed using the industry-standard AES algorithm. The military ProASIC3/EL
family device architecture mitigates the need for ASIC migration at higher volumes. This makes the
military ProASIC3/EL family a cost-effective ASIC replacement.
Firm-Error Immunity
Firm errors occur most commonly when high-energy neutrons, generated in the upper atmosphere,
strike a configuration cell of an SRAM FPGA. The energy of the collision can change the state of the
configuration cell and thus change the logic, routing, or I/O behavior in an unpredictable way.
These errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be
a complete system failure. Firm errors do not exist in the configuration memory of military
ProASIC3/EL flash-based FPGAs. Once it is programmed, the flash cell configuration element of
military ProASIC3/EL FPGAs cannot be altered by high-energy neutrons and is therefore immune to
them. Recoverable (or soft) errors occur in the user data SRAM of all FPGA devices. These can easily
be mitigated by using error detection and correction (EDAC) circuitry built into the FPGA fabric.
Advanced Flash Technology
The
military
ProASIC3/EL
family
offers
many
benefits,
including
nonvolatility
and
reprogrammability, through an advanced flash-based, 130-nm LVCMOS process with 7 layers of
metal. Standard CMOS design techniques are used to implement logic and control functions. The
combination of fine granularity, enhanced flexible routing resources, and abundant flash switches
allows for very high logic utilization without compromising device routability or performance.
Logic functions within the device are interconnected through a four-level routing hierarchy.
Advanced Architecture
The proprietary military ProASIC3/EL architecture provides granularity comparable to standard-cell
ASICs. The military ProASIC3/EL device consists of five distinct and programmable architectural
features (Figure 1-1 on page 1-4 and Figure 1-2):
FPGA VersaTiles
Dedicated FlashROM
Dedicated SRAM/FIFO memory
Extensive CCCs and PLLs
I/O structure
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input
logic function, a D-flip-flop (with or without enable), or a latch by programming the appropriate
flash switch interconnections. The versatility of the military ProASIC3/EL core tile, as either a three-
input lookup table (LUT) equivalent or a D-flip-flop/latch with enable, allows for efficient use of
the FPGA fabric. The VersaTile capability is unique to the Actel ProASIC family of third-generation-
architecture flash FPGAs. VersaTiles are connected with any of the four levels of routing hierarchy.
Flash switches are distributed throughout the device to provide nonvolatile, reconfigurable
interconnect programming. Maximum core utilization is possible for virtually any design.


Similar Part No. - M1A3P1000-1PQ144M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
M1A3P1000-1PQ144 ACTEL-M1A3P1000-1PQ144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
M1A3P1000-1PQ144ES ACTEL-M1A3P1000-1PQ144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
M1A3P1000-1PQ144I ACTEL-M1A3P1000-1PQ144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
M1A3P1000-1PQ144PP ACTEL-M1A3P1000-1PQ144PP Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
More results

Similar Description - M1A3P1000-1PQ144M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-2FG256I MICROSEMI-A3P250-2FG256I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
M1A3P1000-1PQ208M MICROSEMI-M1A3P1000-1PQ208M Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-FGG484 MICROSEMI-A3P1000-FGG484 Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-FG484I MICROSEMI-A3P1000-FG484I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com