Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG10M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYG10M
Description  Silicon Mesa SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG10M Datasheet(HTML) 1 Page - Vishay Siliconix

  BYG10M Datasheet HTML 1Page - Vishay Siliconix BYG10M Datasheet HTML 2Page - Vishay Siliconix BYG10M Datasheet HTML 3Page - Vishay Siliconix BYG10M Datasheet HTML 4Page - Vishay Siliconix BYG10M Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYG10
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
1 (5)
Document Number 86008
Silicon Mesa SMD Rectifier
Features
D Controlled avalanche characteristics
D Glass passivated junction
D Low reverse current
D High surge current capability
D Wave and reflow solderable
Applications
Surface mounting
General purpose rectifier
15 811
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYG10D
VR=VRRM
200
V
g
=Repetitive peak reverse voltage
BYG10G
VR=VRRM
400
V
BYG10J
VR=VRRM
600
V
BYG10K
VR=VRRM
800
V
BYG10M
VR=VRRM
1000
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
30
A
Average forward current
IFAV
1.5
A
Junction and storage
temperature range
Tj=Tstg
–55...+150
°C
Pulse energy in avalanche mode,
non repetitive
(inductive load switch off)
I(BR)R=1A, Tj=25°C
ER
20
mJ
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction lead
TL=const.
RthJL
25
K/W
Junction ambient
mounted on epoxy–glass hard tissue
RthJA
150
K/W
mounted on epoxy–glass hard tissue, 50mm2 35
mm Cu
RthJA
125
K/W
mounted on Al–oxid–ceramic (Al2O3), 50mm2 35mm Cu
RthJA
100
K/W


Similar Part No. - BYG10M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10M VISHAY-BYG10M Datasheet
106Kb / 5P
   Standard Avalanche SMD Rectifier
Revision: 03-Jun-09
logo
Shenzhen Taychipst Elec...
BYG10M TAYCHIPST-BYG10M Datasheet
3Mb / 2P
   Silicon Mesa SMD Rectifier
logo
Diotec Semiconductor
BYG10M DIOTEC-BYG10M Datasheet
159Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
BYG10M DIOTEC-BYG10M Datasheet
158Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
logo
Shenzhen Luguang Electr...
BYG10M LUGUANG-BYG10M Datasheet
1Mb / 4P
   Low profile package
More results

Similar Description - BYG10M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
   Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
S420D VISHAY-S420D Datasheet
49Kb / 4P
   Silicon Mesa SMD Rectifier
Rev. 2, 24-Jun-98
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
   Fast Silicon Mesa SMD Rectifier
Rev. 1, 13-Aug-99
logo
Shenzhen Taychipst Elec...
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG20 VISHAY-BYG20 Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG22A TAYCHIPST-BYG22A Datasheet
3Mb / 2P
   Super Fast Silicon Mesa SMD Rectifier
logo
SUNMATE electronic Co.,...
BYG21K SUNMATE-BYG21K Datasheet
621Kb / 3P
   FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG22 VISHAY-BYG22 Datasheet
59Kb / 5P
   Super Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com