Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3PE1500-1PQG896ES Datasheet(PDF) 7 Page - Actel Corporation

Part # A3PE1500-1PQG896ES
Description  ProASIC3E Flash Family FPGAs
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3PE1500-1PQG896ES Datasheet(HTML) 7 Page - Actel Corporation

Back Button A3PE1500-1PQG896ES Datasheet HTML 3Page - Actel Corporation A3PE1500-1PQG896ES Datasheet HTML 4Page - Actel Corporation A3PE1500-1PQG896ES Datasheet HTML 5Page - Actel Corporation A3PE1500-1PQG896ES Datasheet HTML 6Page - Actel Corporation A3PE1500-1PQG896ES Datasheet HTML 7Page - Actel Corporation A3PE1500-1PQG896ES Datasheet HTML 8Page - Actel Corporation A3PE1500-1PQG896ES Datasheet HTML 9Page - Actel Corporation A3PE1500-1PQG896ES Datasheet HTML 10Page - Actel Corporation A3PE1500-1PQG896ES Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
ProASIC3E Flash Family FPGAs
v1.0
1 - 3
Advanced Architecture
The proprietary ProASIC3E architecture provides granularity comparable to standard-cell ASICs. The
ProASIC3E device consists of five distinct and programmable architectural features (Figure 1-1 on
page 3):
FPGA VersaTiles
Dedicated FlashROM
Dedicated SRAM/FIFO memory
Extensive CCCs and PLLs
Pro I/O structure
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input
logic function, a D-flip-flop (with or without enable), or a latch by programming the appropriate
flash switch interconnections. The versatility of the ProASIC3E core tile as either a three-input
lookup table (LUT) equivalent or as a D-flip-flop/latch with enable allows for efficient use of the
FPGA fabric. The VersaTile capability is unique to the Actel ProASIC family of third-generation
architecture Flash FPGAs. VersaTiles are connected with any of the four levels of routing hierarchy.
Flash switches are distributed throughout the device to provide nonvolatile, reconfigurable
interconnect programming. Maximum core utilization is possible for virtually any design.
In addition, extensive on-chip programming circuitry allows for rapid, single-voltage (3.3 V)
programming of ProASIC3E devices via an IEEE 1532 JTAG interface.
Figure 1-1 • ProASIC3E Device Architecture Overview
4,608-Bit Dual-Port SRAM
or FIFO Block
VersaTile
RAM Block
CCC
Pro I/Os
ISP AES Decryption
User Nonvolatile
FlashROM
Charge Pumps
4,608-Bit Dual-Port SRAM
or FIFO Block
RAM Block


Similar Part No. - A3PE1500-1PQG896ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-1PQG896ES MICROSEMI-A3PE1500-1PQG896ES Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1PQG896ES MICROSEMI-A3PE1500-1PQG896ES Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3PE1500-1PQG896ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-2FG676 MICROSEMI-A3PE1500-2FG676 Datasheet
8Mb / 164P
   ProASIC3E Flash Family FPGAs
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2PQ208 MICROSEMI-A3PE600-2PQ208 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com