Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3PE1500-FPQG896ES Datasheet(PDF) 4 Page - Actel Corporation

Part # A3PE1500-FPQG896ES
Description  ProASIC3E Flash Family FPGAs
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3PE1500-FPQG896ES Datasheet(HTML) 4 Page - Actel Corporation

  A3PE1500-FPQG896ES Datasheet HTML 1Page - Actel Corporation A3PE1500-FPQG896ES Datasheet HTML 2Page - Actel Corporation A3PE1500-FPQG896ES Datasheet HTML 3Page - Actel Corporation A3PE1500-FPQG896ES Datasheet HTML 4Page - Actel Corporation A3PE1500-FPQG896ES Datasheet HTML 5Page - Actel Corporation A3PE1500-FPQG896ES Datasheet HTML 6Page - Actel Corporation A3PE1500-FPQG896ES Datasheet HTML 7Page - Actel Corporation A3PE1500-FPQG896ES Datasheet HTML 8Page - Actel Corporation A3PE1500-FPQG896ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 152 page
background image
IV
v1.0
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
References made to ProASIC3E devices also apply to ARM-enabled ProASIC3E devices. The ARM-enabled part numbers start
with M1 (Cortex-M1).
Contact your local Actel representative for device availability:
http://www.actel.com/contact/default.aspx.
Package
A3PE600
A3PE1500
A3PE3000
Cortex-M1 Devices
M1A3PE1500
M1A3PE3000
PQ208
C, I
C, I
C, I
FG256
C, I
FG324
C, I
FG484
C, I
C, I
C, I
FG676
C, I
FG896
C, I
Note: C = Commercial temperature range: 0°C to 70°C ambient temperature
I = Industrial temperature range: –40°C to 85°C ambient temperature
Temperature Grade
–F 1
Std.
–1
–2
C2
✓✓✓✓
I3
✓✓✓
Notes:
1. The DC and switching characteristics for the –F speed grade targets are based only on simulation.
The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some
restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only
supported in the commercial temperature range.
2. C = Commercial temperature range: 0°C to 70°C ambient temperature
3. I = Industrial temperature range: –40°C to 85°C ambient temperature


Similar Part No. - A3PE1500-FPQG896ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3PE1500-FPQG896ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-2FG676 MICROSEMI-A3PE1500-2FG676 Datasheet
8Mb / 164P
   ProASIC3E Flash Family FPGAs
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2PQ208 MICROSEMI-A3PE600-2PQ208 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com