Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P030-1PQ144ES Datasheet(PDF) 6 Page - Actel Corporation

Part # A3P030-1PQ144ES
Description  ProASIC3 Flash Family FPGAs
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P030-1PQ144ES Datasheet(HTML) 6 Page - Actel Corporation

Back Button A3P030-1PQ144ES Datasheet HTML 2Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 3Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 4Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 5Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 6Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 7Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 8Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 9Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 206 page
background image
ProASIC3 Device Family Overview
1- 2
v1.0
Security, built into the FPGA fabric, is an inherent component of the ProASIC3 family. The flash cells
are located beneath seven metal layers, and many device design and layout techniques have been
used to make invasive attacks extremely difficult. The ProASIC3 family, with FlashLock and AES
security, is unique in being highly resistant to both invasive and noninvasive attacks. Your valuable
IP is protected and secure, making remote ISP possible. A ProASIC3 device provides the most
impenetrable security for programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed,
the configuration data is an inherent part of the FPGA structure, and no external configuration
data needs to be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based
ProASIC3 FPGAs do not require system configuration components such as EEPROMs or
microcontrollers to load device configuration data. This reduces bill-of-materials costs and PCB
area, and increases security and system reliability.
Live at Power-Up
The Actel flash-based ProASIC3 devices support Level 0 of the LAPU classification standard. This
feature helps in system component initialization, execution of critical tasks before the processor
wakes up, setup and configuration of memory blocks, clock generation, and bus activity
management. The LAPU feature of flash-based ProASIC3 devices greatly simplifies total system
design and reduces total system cost, often eliminating the need for CPLDs and clock generation
PLLs that are used for these purposes in a system. In addition, glitches and brownouts in system
power will not corrupt the ProASIC3 device's flash configuration, and unlike SRAM-based FPGAs,
the device will not have to be reloaded when system power is restored. This enables the reduction
or complete removal of the configuration PROM, expensive voltage monitor, brownout detection,
and clock generator devices from the PCB design. Flash-based ProASIC3 devices simplify total
system design and reduce cost and design risk while increasing system reliability and improving
system initialization time.
Firm Errors
Firm errors occur most commonly when high-energy neutrons, generated in the upper atmosphere,
strike a configuration cell of an SRAM FPGA. The energy of the collision can change the state of the
configuration cell and thus change the logic, routing, or I/O behavior in an unpredictable way.
These errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be
a complete system failure. Firm errors do not exist in the configuration memory of ProASIC3 flash-
based FPGAs. Once it is programmed, the flash cell configuration element of ProASIC3 FPGAs
cannot be altered by high-energy neutrons and is therefore immune to them. Recoverable (or soft)
errors occur in the user data SRAM of all FPGA devices. These can easily be mitigated by using error
detection and correction (EDAC) circuitry built into the FPGA fabric.
Low Power
Flash-based ProASIC3 devices exhibit power characteristics similar to an ASIC, making them an ideal
choice for power-sensitive applications. ProASIC3 devices have only a very limited power-on current
surge and no high-current transition period, both of which occur on many FPGAs.
ProASIC3 devices also have low dynamic power consumption to further maximize power savings.


Similar Part No. - A3P030-1PQ144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P030-1PQ144ES MICROSEMI-A3P030-1PQ144ES Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3P030-1PQ144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com