Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32140XL-CQC Datasheet(PDF) 7 Page - Actel Corporation

Part # A32140XL-CQC
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32140XL-CQC Datasheet(HTML) 7 Page - Actel Corporation

Back Button A32140XL-CQC Datasheet HTML 3Page - Actel Corporation A32140XL-CQC Datasheet HTML 4Page - Actel Corporation A32140XL-CQC Datasheet HTML 5Page - Actel Corporation A32140XL-CQC Datasheet HTML 6Page - Actel Corporation A32140XL-CQC Datasheet HTML 7Page - Actel Corporation A32140XL-CQC Datasheet HTML 8Page - Actel Corporation A32140XL-CQC Datasheet HTML 9Page - Actel Corporation A32140XL-CQC Datasheet HTML 10Page - Actel Corporation A32140XL-CQC Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
Discontinued – v3.0
7
Integrato r Se ries F P G A s: 1200 XL and 320 0DX Fam ilies
3200DX devices contain a third type of logic module,
D-modules, which are arranged around the periphery of the
device. D-modules contain wide-decode circuitry which
provides a fast, wide-input AND function similar to that
found in product term architectures (Figure 3). The
D-module allows 3200DX devices to perform wide-decode
functions at speeds comparable CPLDs and PAL devices.
The output of the D-module has a programmable inverter
for active HIGH or LOW assertion. The D-module output is
hard-wired to an output pin or can be fed back into the
array to be incorporated into other logic.
Du al -P ort SR AM M o du le s
Several 3200DX devices contain dual-port SRAM modules
that have been optimized for synchronous or asynchronous
applications. The SRAM modules are arranged in 256-bit
blocks which can be configured as 32x8 or 64x4 (refer to
“Integrator Series Product Profile Family” on page 1 for the
number of SRAM blocks within a particular device). SRAM
modules can be cascaded together to form memory spaces
of user-definable width and depth. A block diagram of the
3200DX dual-port SRAM block is shown in Figure 4.
Figure 3 • D-Module Implementation
7 Inputs
Hard-Wire to I/O
Feedback to Array
Programmable
Inverter
Figure 4 • 3200DX Dual-Port SRAM Block
SRAM Module
32 x 8 or 64 x 4
(256 Bits)
Read
Port
Logic
Write
Port
Logic
RD[7:0]
Routing Tracks
Latches
Read
Logic
[5:0]
RDAD[5:0]
REN
RCLK
Latches
WD[7:0]
Latches
WRAD[5:0]
Write
Logic
MODE
BLKEN
WEN
WCLK
[5:0]
[7:0]
The 3200DX SRAM modules are true dual-port structures
containing independent READ and WRITE ports. Each
SRAM module contains six bits of read and write addressing
(RDAD[5:0] and WRAD[5:0], respectively) for 64x4 bit
blocks. When configured in byte mode, the highest order
address bits (RDAD5 and WRAD5) are not used. The read
and write ports of the SRAM block contain independent
clocks (RCLK and WCLK) with programmable polarities
offering active HIGH or LOW implementation. The SRAM
block contains eight data inputs (WD[7:0]) and eight
outputs (RD[7:0]) which are connected to segmented
vertical routing tracks.
The 3200DX dual-port SRAM blocks provide an optimal
solution for high-speed buffered applications requiring fast
FIFO and LIFO queues. Actel’s ACTgen Macro Builder
provides the capability to quickly design memory functions,


Similar Part No. - A32140XL-CQC

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3214 ALLEGRO-A3214 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
DB Lectro Inc
A3214CAB1 DBLECTRO-A3214CAB1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CAD1 DBLECTRO-A3214CAD1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CGB1 DBLECTRO-A3214CGB1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CGD1 DBLECTRO-A3214CGD1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
More results

Similar Description - A32140XL-CQC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-12E FUJI-EDS10-12E Datasheet
63Kb / 4P
   FC SERIES INTEGRATOR
EDS10-13D FUJI-EDS10-13D Datasheet
71Kb / 2P
   FC SERIES PULSE INTEGRATOR
EDS10-17E FUJI-EDS10-17E Datasheet
131Kb / 8P
   FC SERIES ELECTRONIC INTEGRATOR
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG44 MICROSEMI-A40MX04-PLG44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com