Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32140DXV-1CQC Datasheet(PDF) 6 Page - Actel Corporation

Part # A32140DXV-1CQC
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32140DXV-1CQC Datasheet(HTML) 6 Page - Actel Corporation

Back Button A32140DXV-1CQC Datasheet HTML 2Page - Actel Corporation A32140DXV-1CQC Datasheet HTML 3Page - Actel Corporation A32140DXV-1CQC Datasheet HTML 4Page - Actel Corporation A32140DXV-1CQC Datasheet HTML 5Page - Actel Corporation A32140DXV-1CQC Datasheet HTML 6Page - Actel Corporation A32140DXV-1CQC Datasheet HTML 7Page - Actel Corporation A32140DXV-1CQC Datasheet HTML 8Page - Actel Corporation A32140DXV-1CQC Datasheet HTML 9Page - Actel Corporation A32140DXV-1CQC Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
6
Discontinued – v3.0
L ogi c Mod ul es
3200DX and 1200XL devices contain three types of logic
modules:
combinatorial
(C-modules),
sequential
(S-modules), and decode (D-modules). 1200XL devices
contain only the C-module and S-module, while the 3200DX
devices contain D-modules and dual-port SRAM modules in
addition to the S-module and C-module.
The C-module is shown in Figure 1 and implements the
following function:
Y=!S1*!S0*D00+!S1*S0*D01+S1*!S0*D10+S1*S0*D11
where:
S0=A0*B0
S1=A1+B1
The S-module shown in Figure 2 is designed to implement
high-speed sequential functions within a single logic
module. The S-module implements the same combinatorial
logic function as the C-module while adding a sequential
element. The sequential element can be configured as
either a D-type flip-flop or a transparent latch. To increase
flexibility, the S-module register can be bypassed so that it
implements purely combinatorial logic.
Figure 1 • C-Module Implementation
D00
D01
D10
D11
S0
S1
Y
A0
B0
A1
B1
Figure 2 • S-Module Implementation
D11
D01
D00
D10
Y
OUT
S1
S0
Up to 7-Input Function Plus D-Type Flip-Flop with Clear
D11
D01
D00
D10
Y
S1
S0
Up to 7-Input Function Plus Latch
Y
Up to 4-Input Function Plus Latch with Clear
D11
D01
D00
D10
YOUT
S1
S0
Up to 8-Input Function (Same as C-Module)
S
D1
D0
CLR
DQ
OUT
CLR
DQ
OUT
GATE
DQ
GATE


Similar Part No. - A32140DXV-1CQC

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3214 ALLEGRO-A3214 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
DB Lectro Inc
A3214CAB1 DBLECTRO-A3214CAB1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CAD1 DBLECTRO-A3214CAD1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CGB1 DBLECTRO-A3214CGB1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
A3214CGD1 DBLECTRO-A3214CGD1 Datasheet
328Kb / 1P
   HALF PITCH IDC SOCKET
More results

Similar Description - A32140DXV-1CQC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-12E FUJI-EDS10-12E Datasheet
63Kb / 4P
   FC SERIES INTEGRATOR
EDS10-13D FUJI-EDS10-13D Datasheet
71Kb / 2P
   FC SERIES PULSE INTEGRATOR
EDS10-17E FUJI-EDS10-17E Datasheet
131Kb / 8P
   FC SERIES ELECTRONIC INTEGRATOR
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG44 MICROSEMI-A40MX04-PLG44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com