Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX1000-1CSG896I Datasheet(PDF) 10 Page - Actel Corporation

Part # AX1000-1CSG896I
Description  Axcelerator Family FPGAs
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX1000-1CSG896I Datasheet(HTML) 10 Page - Actel Corporation

Back Button AX1000-1CSG896I Datasheet HTML 6Page - Actel Corporation AX1000-1CSG896I Datasheet HTML 7Page - Actel Corporation AX1000-1CSG896I Datasheet HTML 8Page - Actel Corporation AX1000-1CSG896I Datasheet HTML 9Page - Actel Corporation AX1000-1CSG896I Datasheet HTML 10Page - Actel Corporation AX1000-1CSG896I Datasheet HTML 11Page - Actel Corporation AX1000-1CSG896I Datasheet HTML 12Page - Actel Corporation AX1000-1CSG896I Datasheet HTML 13Page - Actel Corporation AX1000-1CSG896I Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 226 page
background image
Axcelerator Family FPGAs
1- 4
v2.7
Embedded Memory
As mentioned earlier, each core tile has either three (in a
smaller tile) or four (in the regular tile) embedded SRAM
blocks along the west side, and each variable-aspect-
ratio SRAM block is 4,608 bits in size. Available memory
configurations are: 128x36, 256x18, 512x9, 1kx4, 2kx2 or
4kx1 bits. The individual blocks have separate read and
write ports that can be configured with different bit
widths on each port. For example, data can be written in
by eight and read out by one.
In addition, every SRAM block has an embedded FIFO
control unit. The control unit allows the SRAM block to
be configured as a synchronous FIFO without using core
logic
modules.
The
FIFO
width
and
depth
are
programmable. The FIFO also features programmable
ALMOST-EMPTY (AEMPTY) and ALMOST-FULL (AFULL)
flags in addition to the normal EMPTY and FULL flags. In
addition to the flag logic, the embedded FIFO control
unit also contains the counters necessary for the
generation of the read and write address pointers as well
as
control
circuitry
to
prevent
metastability
and
erroneous operation. The embedded SRAM/FIFO blocks
can be cascaded to create larger configurations.
I/O Logic
The Axcelerator family of FPGAs features a flexible I/O
structure, supporting a range of mixed voltages with its
bank-selectable I/Os: 1.5V, 1.8V, 2.5V, and 3.3V. In all,
Axcelerator FPGAs support at least 14 different I/O
standards (single-ended, differential, voltage-referenced).
The I/Os are organized into banks, with eight banks per
device (two per side). The configuration of these banks
determines the I/O standards supported (see "User I/Os"
on page 2-10 for more information). All I/O standards are
available in each bank.
Each I/O module has an input register (InReg), an output
register (OutReg), and an enable register (EnReg)
(Figure 1-7 on page 1-5). An I/O Cluster includes two I/O
modules, four RX modules, two TX modules, and a buffer
(B) module.
Figure 1-6 • AX Device Architecture (AX1000 shown)
Chip Layout
SuperCluster
I/O Structure
See Figure 7
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
RAMC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
RD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
SC
HD
SC
SC
SC
SC
Core Tile
4k
RAM/
FIFO
4k
RAM/
FIFO
4k
RAM/
FIFO
4k
RAM/
FIFO
RX
TX
B
C
R
C
C
C
R
RX
RX
RX
TX
TX
TX


Similar Part No. - AX1000-1CSG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX1000-FGG484I MICROSEMI-AX1000-FGG484I Datasheet
13Mb / 262P
   350 MHz System Performance, 500 MHz Internal Performance
More results

Similar Description - AX1000-1CSG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com