Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A14V60AA-3VQ208M Datasheet(PDF) 5 Page - Actel Corporation

Part # A14V60AA-3VQ208M
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14V60AA-3VQ208M Datasheet(HTML) 5 Page - Actel Corporation

  A14V60AA-3VQ208M Datasheet HTML 1Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 2Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 3Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 4Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 5Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 6Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 7Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 8Page - Actel Corporation A14V60AA-3VQ208M Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
1-179
Accelerator Series FPGAs – ACT 3 Family
Plastic Device Resources
A14V60A Device
160-pin Plastic Quad Flatpack (PQFP)
176-pin Thin Quad Flatpack (TQFP)
208-pin Plastic Quad Flatpack (PQFP)
A14100A Device
208-pin Power Quad Flatpack (RQFP)
257-pin Ceramic Pin Grid Array (CPGA)
313-pin Plastic Ball Grid Array (BGA)
256-pin Ceramic Quad Flatpack (CQFP)
A14V100A Device
208-pin Power Quad Flatpack (RQFP)
313-pin Plastic Ball Grid Array (BGA)
Product Plan (continued)
Speed Grade*
Application
Std
–1
–2
–3
C
I
M
B
Applications:
C = Commercial
Availability:
= Available
* Speed Grade: –1 = Approx. 15% faster than Standard
I
= Industrial
P
= Planned
–2 = Approx. 25% faster than Standard
M = Military
— = Not Planned
–3 = Approx. 35 % faster than Standard.
B = MIL-STD-883
† Commercial Only
Device
Series
Logic
Modules
User I/Os
PLCC
PQFP, RQFP
VQFP
TQFP
BGA
Gates
84-pin
100-pin
160-pin
208-pin
100-pin
176-pin
225-pin
313-pin
A1415
200
1500
70
80
80
A1425
310
2500
70
80
100
83
A1440
564
4000
70
131
83
140
A1460
848
6000
131
167
151
168
A14100
1377
10000
175
228


Similar Part No. - A14V60AA-3VQ208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A14V60A MICROSEMI-A14V60A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A14V60AA-3VQ208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com