Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX16A-1TQG208M Datasheet(PDF) 7 Page - Actel Corporation

Part # A54SX16A-1TQG208M
Description  SX-A Family FPGAs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX16A-1TQG208M Datasheet(HTML) 7 Page - Actel Corporation

Back Button A54SX16A-1TQG208M Datasheet HTML 3Page - Actel Corporation A54SX16A-1TQG208M Datasheet HTML 4Page - Actel Corporation A54SX16A-1TQG208M Datasheet HTML 5Page - Actel Corporation A54SX16A-1TQG208M Datasheet HTML 6Page - Actel Corporation A54SX16A-1TQG208M Datasheet HTML 7Page - Actel Corporation A54SX16A-1TQG208M Datasheet HTML 8Page - Actel Corporation A54SX16A-1TQG208M Datasheet HTML 9Page - Actel Corporation A54SX16A-1TQG208M Datasheet HTML 10Page - Actel Corporation A54SX16A-1TQG208M Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
SX-A Family FPGAs
v5.3
1-3
Routing Resources
The routing and interconnect resources of SX-A devices
are in the top two metal layers above the logic modules
(Figure 1-1 on page 1-1), providing optimal use of silicon,
thus enabling the entire floor of the device to be
spanned with an uninterrupted grid of logic modules.
Interconnection between these logic modules is achieved
using the Actel patented metal-to-metal programmable
antifuse
interconnect
elements.
The
antifuses
are
normally open circuits and, when programmed, form a
permanent low-impedance connection.
Clusters and SuperClusters can be connected through the
use of two innovative local routing resources called
FastConnect and DirectConnect, which enable extremely
fast and predictable interconnection of modules within
Clusters and SuperClusters (Figure 1-5 on page 1-4 and
Figure 1-6 on page 1-4). This routing architecture also
dramatically reduces the number of antifuses required to
complete
a
circuit,
ensuring
the
highest
possible
performance, which is often required in applications such
as fast counters, state machines, and data path logic. The
interconnect elements (i.e., the antifuses and metal
tracks) have lower capacitance and lower resistance than
any other device of similar capacity, leading to the fastest
signal propagation in the industry.
DirectConnect is a horizontal routing resource that
provides connections from a C-cell to its neighboring
R-Cell in a given SuperCluster. DirectConnect uses a
hardwired signal path requiring no programmable
interconnection to achieve its fast signal propagation
time of less than 0.1 ns.
FastConnect enables horizontal routing between any
two logic modules within a given SuperCluster, and
vertical routing with the SuperCluster immediately
below it. Only one programmable connection is used in a
FastConnect path, delivering a maximum pin-to-pin
propagation time of 0.3 ns.
In addition to DirectConnect and FastConnect, the
architecture makes use of two globally oriented routing
resources known as segmented routing and high-drive
routing. The Actel segmented routing structure provides
a variety of track lengths for extremely fast routing
between SuperClusters. The exact combination of track
lengths and antifuses within each path is chosen by the
100% automatic place-and-route software to minimize
signal propagation delays.
The general system of routing tracks allows any logic
module in the array to be connected to any other logic
or I/O module. Within this system, most connections
typically require three or fewer antifuses, resulting in
fast and predictable performance.
The unique local and general routing structure featured
in SX-A devices allows 100% pin-locking with full logic
utilization, enables concurrent printed circuit board
(PCB) development, reduces design time, and allows
designers to achieve performance goals with minimum
effort.
Figure 1-4 • Cluster Organization
Type 1 SuperCluster
Type 2 SuperCluster
Cluster 1
Cluster 1
Cluster 2
Cluster 1
R-Cell
C-Cell
D0
D1
D2
D3
DB
A0 B0
A1 B1
Sa
Sb
Y
DirectConnect
Input
CLKA,
CLKB,
Internal Logic
HCLK
CKS
CKP
CLR
PRE
Y
DQ
Routed
Data Input
S0
S1


Similar Part No. - A54SX16A-1TQG208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16A-1TQ208 ETC1-A54SX16A-1TQ208 Datasheet
720Kb / 108P
   SX-A Family FPGAs
A54SX16A-1TQ208A ETC1-A54SX16A-1TQ208A Datasheet
720Kb / 108P
   SX-A Family FPGAs
A54SX16A-1TQ208B ETC1-A54SX16A-1TQ208B Datasheet
720Kb / 108P
   SX-A Family FPGAs
A54SX16A-1TQ208I ETC1-A54SX16A-1TQ208I Datasheet
720Kb / 108P
   SX-A Family FPGAs
A54SX16A-1TQ208M ETC1-A54SX16A-1TQ208M Datasheet
720Kb / 108P
   SX-A Family FPGAs
More results

Similar Description - A54SX16A-1TQG208M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com