Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX1000-1PQG896I Datasheet(PDF) 2 Page - Actel Corporation

Part # AX1000-1PQG896I
Description  Axcelerator Family FPGAs
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX1000-1PQG896I Datasheet(HTML) 2 Page - Actel Corporation

  AX1000-1PQG896I Datasheet HTML 1Page - Actel Corporation AX1000-1PQG896I Datasheet HTML 2Page - Actel Corporation AX1000-1PQG896I Datasheet HTML 3Page - Actel Corporation AX1000-1PQG896I Datasheet HTML 4Page - Actel Corporation AX1000-1PQG896I Datasheet HTML 5Page - Actel Corporation AX1000-1PQG896I Datasheet HTML 6Page - Actel Corporation AX1000-1PQG896I Datasheet HTML 7Page - Actel Corporation AX1000-1PQG896I Datasheet HTML 8Page - Actel Corporation AX1000-1PQG896I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 226 page
background image
Axcelerator Family FPGAs
ii
v2.7
Ordering Information
Device Resources
AX1000
1
FG
_
Blank = Standard Speed
= Approximately 15% Faster than Standard
1
= Approximately 25% Faster than Standard
2
Package Type
= Ball Grid Array (1.27mm pitch)
= Fine Ball Grid Array (1.0mm pitch)
= Chip Scale Package (0.8mm pitch)
PQ = Plastic Quad Flat Pack (0.5mm pitch)
CQ = Ceramic Quad Flat Pack (0.5mm pitch)
896
I
Package Lead Count
G
Application
Blank = Commercial (0 to +70° C)
I= Industrial (-40 to +85° C)
PP = Pre-Production
125,000 Equivalent System Gates
AX125 =
AX250
250,000 Equivalent System Gates
=
AX500
500,000 Equivalent System Gates
=
AX1000
1,000,000 Equivalent System Gates
=
AX2000
2,000,000 Equivalent System Gates
=
Part Number
Speed Grade
BG
FG
CS
CG = Ceramic Column Grid Array
M= Military (-55 to +125° C)
B= MIL-STD-883 Class B
Lead-Free Packaging
Blank = Standard Packaging
G= RoHS-Compliant Packaging
User I/Os (Including Clock Buffers)
Package
AX125
AX250
AX500
AX1000
AX2000
CS180
98
––––
PQ208
115
115
CQ208
115
115
FG256
138
138
FG324
168
––––
CQ352
198
198
198
198
FG484
248
317
317
CG624
418
418
FG676
336
418
BG729
516
FG896
516
586
FG1152
684
Note: The FG256, FG324, and FG484 are footprint compatible with one another. The FG676, FG896, and FG1152 are also footprint
compatible with one another.


Similar Part No. - AX1000-1PQG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX1000-FGG484I MICROSEMI-AX1000-FGG484I Datasheet
13Mb / 262P
   350 MHz System Performance, 500 MHz Internal Performance
More results

Similar Description - AX1000-1PQG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com