Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3740 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N3740
Description  isc Silicon PNP Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3740 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N3740 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3740 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
固电半导体
INCHANGE
SEMICONDUCTOR
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2N3740 2N3741
DESCRIPTION
・With TO-66 package
・Excellent safe area limits
・Low collector saturation voltage
APPLICATIONS
・Suitable for use in as drivers,switches and
medium-power amplifier and applications
PINNING (See Fig.2)
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N3740
-60
VCBO
Collector-base voltage
2N3741
Open emitter
-80
V
2N3740
-60
VCEO
Collector-emitter voltage
2N3741
Open base
-80
V
VEBO
Emitter-base voltage
Open collector
-7
V
IC
Collector current
-4
A
ICM
Collector current-Peak
-10
A
IB
Base current
-2
mA
PT
Total power dissipation
TC=25℃
25
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-C
Thermal resistance from junction to case
7.0
℃/W
Fig.1 simplified outline (TO-66) and symbol


Similar Part No. - 2N3740

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3740 MOSPEC-2N3740 Datasheet
120Kb / 3P
   POWER TRANSISTORS(4A,25W)
logo
Central Semiconductor C...
2N3740 CENTRAL-2N3740 Datasheet
430Kb / 2P
   PNP SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3740 BOCA-2N3740 Datasheet
125Kb / 3P
   MEDIUM-POWER PNP TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3740 NJSEMI-2N3740 Datasheet
90Kb / 1P
   SI PNP POWER BJT
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
More results

Similar Description - 2N3740

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
   isc Silicon PNP Power Transistors
MJD32C ISC-MJD32C Datasheet
261Kb / 3P
   isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
   isc Silicon PNP Power Transistors
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
   isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
   isc Silicon PNP Power Transistors
3CD9D ISC-3CD9D Datasheet
281Kb / 2P
   isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
   isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
   isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
   isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
   isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
   isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com