Electronic Components Datasheet Search |
|
A32140DX-VQC Datasheet(PDF) 5 Page - Actel Corporation |
|
A32140DX-VQC Datasheet(HTML) 5 Page - Actel Corporation |
5 / 84 page Discontinued – v3.0 5 Integrato r Se ries F P G A s: 1200 XL and 320 0DX Fam ilies Development Tool Supp ort The devices are fully supported by Actel’s line of FPGA development tools, including the Actel DeskTOP series and Designer Advantage tools. The Actel DeskTOP series is an integrated design environment for PCs that includes design entry, simulation, synthesis, and place and route tools. Designer Advantage, Actel’s suite of FPGA development point tools for PCs and Workstations, includes the ACTgen Macro Builder, timing-driven place and route and analysis tools, and device programming software. In addition, the devices contain ActionProbe circuitry that provides built-in access to every node in a design, enabling 100 percent real-time observation and analysis of a device's internal logic nodes without design iteration. The probe circuitry is accessed by Silicon Explorer II, an easy-to-use integrated verification and logic analysis tool that can sample data at 100 MHz (asynchronous) or 66 MHz (synchronous). Silicon Explorer II attaches to a PC’s standard COM port, turning the PC into a fully functional 18-channel logic analyzer. Silicon Explorer II allows designers to complete the design verification process at their desks and reduces verification time from several hours per cycle to only a few seconds. I nteg r at or Ser i es Arc hitect ura l Over view The 1200XL and 3200DX architecture is composed of fine-grained building blocks which produce fast, efficient logic designs. All devices within the Integrator Series are composed of logic modules, routing resources, clock networks, and I/O modules which are the building blocks to design fast logic designs. In addition, a subset of devices contain embedded dual-port SRAM and wide-decode modules. The dual-port SRAM modules are optimized for high-speed datapath functions such as FIFOs, LIFOs, and scratchpad memory. The “Integrator Series Product Profile Family” on page 1 lists the specific logic resources contained within each device. Plastic Device Reso urce s User I/Os Device PLCC 84-Pin VQFP 100-Pin PQFP 100-Pin PQFP 144-Pin PQFP 160-Pin PQFP 208-Pin RQFP 240-Pin TQFP 176-Pin A1225XL 72 83 83 — — — — — A1240XL 72 — 83 104 — — — 103 A3265DX 72 — 83 — 125 — — 126 A1280XL 72 — — — 125 140 — 140 A32100DX 72 — — — 125 152 — 142 A32140DX 72 — — — 125 176 — 150 A32200DX — — — — — 176* 202 — A32300DX — — — — — 176 202 — Package Definitions (Consult your local Actel Sales Representative for product availability.) PLCC = Plastic Leaded Chip Carrier, PQFP = Plastic Quad Flat Pack, TQFP = Thin Quad Flat Pack, BGA = Ball Grid Array, VQFP = Very Thin Quad Flat Pack, RQFP = Plastic Power Quad Flat Pack * Also available in RQFP 208-pin. Hermet ic De vice Resour ces User I/Os Device CPGA 176-Pin CQFP 84-Pin CQFP 172-Pin CQFP 208-Pin CQFP 256-Pin A1280XL 140 — 140 — — A32100DX — 60 — — — A32140DX — — — — 176 A32200DX — — — 176 202 A32300DX — — — — 212 Package Definitions (Consult your local Actel Sales Representative for product availability.) CPGA = Ceramic Pin Grid Array, CQFP = Ceramic Quad Flat Pack |
Similar Part No. - A32140DX-VQC |
|
Similar Description - A32140DX-VQC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |