Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT08P800A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYT08P800A
Description  Fast Recovery Silicon Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT08P800A Datasheet(HTML) 1 Page - Vishay Siliconix

  BYT08P800A Datasheet HTML 1Page - Vishay Siliconix BYT08P800A Datasheet HTML 2Page - Vishay Siliconix BYT08P800A Datasheet HTML 3Page - Vishay Siliconix BYT08P800A Datasheet HTML 4Page - Vishay Siliconix BYT08P800A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYT08P/600A/800A
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
1 (5)
Document Number 86017
Fast Recovery Silicon Power Rectifier
Features
D Multiple diffusion
D Low switch on power losses
D Good soft recovery behaviour
D Fast forward recovery time
D Fast reverse recovery time
D Low reverse current
D Very low turn on transient peak voltage
D Very good reverse current stability at high tem-
perature
D Low thermal resistance
Applications
Fast rectifiers in S.M.P.S
Freewheeling diodes and snubber diodes in motor
control circuits
14282
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYT08P/600A
VR=VRRM
600
V
g
=Repetitive peak reverse voltage
BYT08P/800A
VR=VRRM
800
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
50
A
Repetitive peak forward current
IFRM
16
A
Average forward current
IFAV
8
A
Junction and storage
temperature range
Tj=Tstg
–40...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction case
RthJC
2.0
K/W
Junction ambient
RthJA
85
K/W


Similar Part No. - BYT08P800A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
   FAST RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
BYT08P-1000 ISC-BYT08P-1000 Datasheet
281Kb / 2P
   Ultra fast Rectifier
logo
STMicroelectronics
BYT08P-400 STMICROELECTRONICS-BYT08P-400 Datasheet
101Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
BYT08P-400 STMICROELECTRONICS-BYT08P-400 Datasheet
94Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
logo
Inchange Semiconductor ...
BYT08P-400 ISC-BYT08P-400 Datasheet
288Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - BYT08P800A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT1300 VISHAY-BYT1300 Datasheet
54Kb / 3P
   Fast Recovery Silicon Power Rectifier
Rev. 2, 24-Jun-98
BYT08P1000 VISHAY-BYT08P1000 Datasheet
66Kb / 5P
   Fast Recovery Silicon Power Rectifier
Rev. 2, 24-Jun-98
BYT106 VISHAY-BYT106 Datasheet
64Kb / 5P
   Fast Recovery Silicon Power Rectifier
Rev. 2, 24-Jun-98
BYT12P VISHAY-BYT12P Datasheet
67Kb / 5P
   Fast Recovery Silicon Power Rectifier
Rev. 2, 24-Jun-98
BYT87 VISHAY-BYT87 Datasheet
62Kb / 4P
   Ultra Fast Recovery Silicon Power Rectifier
Rev. 2, 24-Jun-98
BYT85 VISHAY-BYT85 Datasheet
62Kb / 4P
   Ultra Fast Recovery Silicon Power Rectifier
Rev. 2, 24-Jun-98
BYT86 VISHAY-BYT86 Datasheet
62Kb / 4P
   Ultra Fast Recovery Silicon Power Rectifier
Rev. 2, 24-Jun-98
BYT115 VISHAY-BYT115 Datasheet
65Kb / 5P
   Ultra Fast Recovery Silicon Power Rectifier
Rev. A2, 24-Jun-98
BYT108 VISHAY-BYT108 Datasheet
67Kb / 5P
   Ultra Fast Recovery Silicon Power Rectifier
Rev. 2, 24-Jun-98
logo
Chenmko Enterprise Co. ...
FSM11PT CHENMKO-FSM11PT Datasheet
86Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com