Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1A3PE1500-1PQ896ES Datasheet(PDF) 10 Page - Actel Corporation

Part # M1A3PE1500-1PQ896ES
Description  ProASIC3E Flash Family FPGAs
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

M1A3PE1500-1PQ896ES Datasheet(HTML) 10 Page - Actel Corporation

Back Button M1A3PE1500-1PQ896ES Datasheet HTML 6Page - Actel Corporation M1A3PE1500-1PQ896ES Datasheet HTML 7Page - Actel Corporation M1A3PE1500-1PQ896ES Datasheet HTML 8Page - Actel Corporation M1A3PE1500-1PQ896ES Datasheet HTML 9Page - Actel Corporation M1A3PE1500-1PQ896ES Datasheet HTML 10Page - Actel Corporation M1A3PE1500-1PQ896ES Datasheet HTML 11Page - Actel Corporation M1A3PE1500-1PQ896ES Datasheet HTML 12Page - Actel Corporation M1A3PE1500-1PQ896ES Datasheet HTML 13Page - Actel Corporation M1A3PE1500-1PQ896ES Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
ProASIC3E Device Family Overview
1- 6
v1.0
Pro I/Os with Advanced I/O Standards
The ProASIC3E family of FPGAs features a flexible I/O structure, supporting a range of voltages
(1.5 V, 1.8 V, 2.5 V, and 3.3 V). ProASIC3E FPGAs support 19 different I/O standards, including single-
ended, differential, and voltage-referenced. The I/Os are organized into banks, with eight banks
per device (two per side). The configuration of these banks determines the I/O standards
supported. Each I/O bank is subdivided into VREF minibanks, which are used by voltage-referenced
I/Os. VREF minibanks contain 8 to 18 I/Os. All the I/Os in a given minibank share a common VREF line.
Therefore, if any I/O in a given VREF minibank is configured as a VREF pin, the remaining I/Os in that
minibank will be able to use that reference voltage.
Each I/O module contains several input, output, and enable registers. These registers allow the
implementation of the following:
Single-Data-Rate applications (e.g., PCI 66 MHz, bidirectional SSTL 2 and 3, Class I and II)
Double-Data-Rate applications (e.g., DDR LVDS, B-LVDS, and M-LVDS I/Os for point-to-point
communications, and DDR 200 MHz SRAM using bidirectional HSTL Class II)
ProASIC3E banks support M-LVDS with 20 multi-drop points.
Part Number and Revision Date
Part Number 51700098-001-1
Revised March 2008
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous Version
Changes in Current Version (v1.0)
Page
51700098-001-1
This document was divided into two sections and given a version number,
starting at v1.0. The first section of the document includes features, benefits,
ordering information, and temperature and speed grade offerings. The second
section is a device family overview.
N/A
51700098-001-0
(January 2008)
The FG324 package was added to the "ProASIC3E Product Family" table, the
"I/Os Per Package1" table, and the "Temperature Grade Offerings" table for
A3PE3000.
I, II, IV
v2.1
(July 2007)
This document was previously in datasheet v2.1. As a result of moving to the
handbook format, Actel has restarted the version numbers. The new version
number is 51700098-001-0.
N/A
v2.0
(April 2007)
CoreMP7 information was removed from the "Features and Benefits" section.
i
The M1 device part numbers have been updated in Table 4 • ProASIC3E
Product Family, "Packaging Tables", "Temperature Grade Offerings", "Speed
Grade and Temperature Grade Matrix", and "Speed Grade and Temperature
Grade Matrix".
iii, ii, iii,
iv, iv
The words "ambient temperature" were added to the temperature range in
the "Temperature Grade Offerings", "Speed Grade and Temperature Grade
Matrix", and "Speed Grade and Temperature Grade Matrix" sections.
iii, iv, iv
The "Clock Conditioning Circuit (CCC) and PLL" section was updated.
i
Advance v0.6
(January 2007)
In the "Temperature Grade Offerings" section, Ambient was deleted.
iii
Ambient was deleted from "Temperature Grade Offerings".
iii
Ambient was deleted from the "Speed Grade and Temperature Grade Matrix".
iv


Similar Part No. - M1A3PE1500-1PQ896ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1A3PE1500 MICROSEMI-M1A3PE1500 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - M1A3PE1500-1PQ896ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-2FG676 MICROSEMI-A3PE1500-2FG676 Datasheet
8Mb / 164P
   ProASIC3E Flash Family FPGAs
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2PQ208 MICROSEMI-A3PE600-2PQ208 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com