Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2000-BG896PP Datasheet(PDF) 1 Page - Actel Corporation

Part # AX2000-BG896PP
Description  Axcelerator Family FPGAs
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-BG896PP Datasheet(HTML) 1 Page - Actel Corporation

  AX2000-BG896PP Datasheet HTML 1Page - Actel Corporation AX2000-BG896PP Datasheet HTML 2Page - Actel Corporation AX2000-BG896PP Datasheet HTML 3Page - Actel Corporation AX2000-BG896PP Datasheet HTML 4Page - Actel Corporation AX2000-BG896PP Datasheet HTML 5Page - Actel Corporation AX2000-BG896PP Datasheet HTML 6Page - Actel Corporation AX2000-BG896PP Datasheet HTML 7Page - Actel Corporation AX2000-BG896PP Datasheet HTML 8Page - Actel Corporation AX2000-BG896PP Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 226 page
background image
November 2008
i
© 2008 Actel Corporation
*See Actel’s website for the latest version of the datasheet.
Axcelerator Family FPGAs
Leading-Edge Performance
350+ MHz System Performance
500+ MHz Internal Performance
High-Performance Embedded FIFOs
700 Mb/s LVDS Capable I/Os
Specifications
Up to 2 Million Equivalent System Gates
Up to 684 I/Os
Up to 10,752 Dedicated Flip-Flops
Up to 295 kbits Embedded SRAM/FIFO
Manufactured on Advanced 0.15
μm CMOS Antifuse
Process Technology, 7 Layers of Metal
Features
Single-Chip, Nonvolatile Solution
Up to 100% Resource Utilization with 100% Pin Locking
1.5V Core Voltage for Low Power
Footprint Compatible Packaging
Flexible, Multi-Standard I/Os:
1.5V, 1.8V, 2.5V, 3.3V Mixed Voltage Operation
Bank-Selectable I/Os – 8 Banks per Chip
Single-Ended I/O Standards: LVTTL, LVCMOS, 3.3V
PCI, and 3.3V PCI-X
Differential I/O Standards: LVPECL and LVDS
Voltage-Referenced I/O Standards: GTL+, HSTL
Class 1, SSTL2 Class 1 and 2, SSTL3 Class 1 and 2
Registered I/Os
Hot-Swap Compliant I/Os (except PCI)
Programmable Slew Rate and Drive Strength on
Outputs
Programmable Delay and Weak Pull-Up/Pull-Down
Circuits on Inputs
Embedded Memory:
Variable-Aspect 4,608-bit RAM Blocks (x1, x2, x4,
x9, x18, x36 Organizations Available)
Independent, Width-Configurable Read and Write Ports
Programmable Embedded FIFO Control Logic
Segmentable Clock Resources
Embedded Phase-Locked Loop:
14-200 MHz Input Range
Frequency Synthesis Capabilities up to 1 GHz
Deterministic, User-Controllable Timing
Unique In-System Diagnostic and Debug Capability
with Actel Silicon Explorer II
Boundary-Scan Testing Compliant with IEEE Standard
1149.1 (JTAG)
•FuseLockTM
Secure
Programming
Technology
Prevents Reverse Engineering and Design Theft
e
u
Table 1-1 • Axcelerator Family Product Profile
Device
AX125
AX250
AX500
AX1000
AX2000
Capacity (in Equivalent System Gates)
125,000
250,000
500,000
1,000,000
2,000,000
Typical Gates
82,000
154,000
286,000
612,000
1,060,000
Modules
Register (R-cells)
672
1,408
2,688
6,048
10,752
Combinatorial (C-cells)
1,344
2,816
5,376
12,096
21,504
Maximum Flip-Flops
1,344
2,816
5,376
12,096
21,504
Embedded RAM/FIFO
Number of Core RAM Blocks
4
12
16
36
64
Total Bits of Core RAM
18,432
55,296
73,728
165,888
294,912
Clocks (Segmentable)
Hardwired
4
4
4
4
4
Routed
4
4
4
4
4
PLLs
8
888
8
I/Os
I/O Banks
8
8
8
8
8
Maximum User I/Os
168
248
336
516
684
Maximum LVDS Channels
84
124
168
258
342
Total I/O Registers
504
744
1,008
1,548
2,052
Package
CSP
PQFP
BGA
FBGA
CQFP
CCGA
180
256, 324
208
256, 484
208, 352
208
484, 676
208, 352
729
484, 676, 896
352
624
896, 1152
352
624
v2.7


Similar Part No. - AX2000-BG896PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX2000 MICROSEMI-AX2000 Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX2000 MICROSEMI-AX2000 Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
List of Unclassifed Man...
AX200090 ETC2-AX200090 Datasheet
1Mb / 35P
   Belden IBDN FiberExpress Systems
AX200091 ETC2-AX200091 Datasheet
1Mb / 35P
   Belden IBDN FiberExpress Systems
AX200092 ETC2-AX200092 Datasheet
1Mb / 35P
   Belden IBDN FiberExpress Systems
More results

Similar Description - AX2000-BG896PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com