Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGL400V5-CS144 Datasheet(PDF) 9 Page - Actel Corporation

Part # AGL400V5-CS144
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL400V5-CS144 Datasheet(HTML) 9 Page - Actel Corporation

Back Button AGL400V5-CS144 Datasheet HTML 5Page - Actel Corporation AGL400V5-CS144 Datasheet HTML 6Page - Actel Corporation AGL400V5-CS144 Datasheet HTML 7Page - Actel Corporation AGL400V5-CS144 Datasheet HTML 8Page - Actel Corporation AGL400V5-CS144 Datasheet HTML 9Page - Actel Corporation AGL400V5-CS144 Datasheet HTML 10Page - Actel Corporation AGL400V5-CS144 Datasheet HTML 11Page - Actel Corporation AGL400V5-CS144 Datasheet HTML 12Page - Actel Corporation AGL400V5-CS144 Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 212 page
background image
IGLOO Low-Power Flash FPGAs
v1.3
1 - 5
Flash*Freeze Technology
The IGLOO device has an ultra-low power static mode, called Flash*Freeze mode, which retains all
SRAM and register information and can still quickly return to normal operation. Flash*Freeze
technology enables the user to quickly (within 1 µs) enter and exit Flash*Freeze mode by activating
the Flash*Freeze pin while all power supplies are kept at their original values. In addition, I/Os and
global I/Os can still be driven and can be toggling without impact on power consumption, clocks
can still be driven or can be toggling without impact on power consumption, and the device retains
all core registers, SRAM information, and states. I/O states are tristated during Flash*Freeze mode
or can be set to a certain state using weak pull-up or pull-down I/O attribute configuration. No
power is consumed by the I/O banks, clocks, JTAG pins, or PLL, and the device consumes as little as
5 µW in this mode.
Flash*Freeze technology allows the user to switch to active mode on demand, thus simplifying the
power management of the device.
The Flash*Freeze pin (active low) can be routed internally to the core to allow the user's logic to
decide when it is safe to transition to this mode. It is also possible to use the Flash*Freeze pin as a
regular I/O if Flash*Freeze mode usage is not planned, which is advantageous because of the
inherent low power static (as low as 12 µW) and dynamic capabilities of the IGLOO device. Refer to
Figure 1-3 for an illustration of entering/exiting Flash*Freeze mode.
VersaTiles
The IGLOO core consists of VersaTiles, which have been enhanced beyond the ProASICPLUS® core
tiles. The IGLOO VersaTile supports the following:
All 3-input logic functions—LUT-3 equivalent
Latch with clear or set
D-flip-flop with clear or set
Enable D-flip-flop with clear or set
Refer to Figure 1-4 for VersaTile configurations.
Figure 1-3 • IGLOO Flash*Freeze Mode
Actel IGLOOe
FPGA
Flash*Freeze
Mode Control
Flash*Freeze Pin
Figure 1-4 • VersaTile Configurations
X1
Y
X2
X3
LUT-3
Data
Y
CLK
Enable
CLR
D-FF
Data
Y
CLK
CLR
D-FF
LUT-3 Equivalent
D-Flip-Flop with Clear or Set
Enable D-Flip-Flop with Clear or Set


Similar Part No. - AGL400V5-CS144

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL400V5-CS144 MICROSEMI-AGL400V5-CS144 Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V5-CS144ES MICROSEMI-AGL400V5-CS144ES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V5-CS144I MICROSEMI-AGL400V5-CS144I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V5-CS144PP MICROSEMI-AGL400V5-CS144PP Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V5-CS144Y MICROSEMI-AGL400V5-CS144Y Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGL400V5-CS144

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com