Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT42K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYT42K
Description  Fast Soft Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT42K Datasheet(HTML) 1 Page - Vishay Siliconix

  BYT42K Datasheet HTML 1Page - Vishay Siliconix BYT42K Datasheet HTML 2Page - Vishay Siliconix BYT42K Datasheet HTML 3Page - Vishay Siliconix BYT42K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYT42
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
1 (4)
Document Number 86025
Fast Soft Recovery Rectifier
Features
D Miniature axial leaded
D Glass passivated
D Hermetically sealed glass envelope
D Low reverse current
D High reverse voltage
Applications
TV and monitor
SMPS
Electronic ballast
95 10526
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYT42A
VR
50
V
g
=Repetitive peak reverse voltage
BYT42B
R
=VRRM
100
V
BYT42D
200
V
BYT42G
400
V
BYT42J
600
V
BYT42K
800
V
BYT42M
1000
V
Peak forward surge current
tp=8.3 ms, half sinewave
IFSM
30
A
Average forward current
Lead length l = 10 mm,
TL = 25°C
IFAV
1.25
A
Junction and storage
temperature range
Tj=Tstg
–55...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
60
K/W
on PC board with spacing 25mm
RthJA
110
K/W


Similar Part No. - BYT42K

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYT42K BILIN-BYT42K Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
BYT42K SUNMATE-BYT42K Datasheet
333Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYT42K DSK-BYT42K Datasheet
265Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYT42K LUGUANG-BYT42K Datasheet
1Mb / 2P
   Fast Recovery Rectifiers
logo
Gulf Semiconductor
BYT42KGP GULFSEMI-BYT42KGP Datasheet
78Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.25A
More results

Similar Description - BYT42K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
   Fast soft-recovery rectifier
1998 Nov 25
logo
Vishay Siliconix
S414D VISHAY-S414D Datasheet
36Kb / 3P
   Fast Soft Recovery Rectifier
Rev. 2, 24-Jun-98
logo
NXP Semiconductors
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
   Fast soft-recovery rectifier
1998 Dec 03
BYV98 PHILIPS-BYV98 Datasheet
56Kb / 8P
   Fast soft-recovery rectifier
1996 Jun 07
logo
Vishay Siliconix
S413D VISHAY-S413D Datasheet
38Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 2, 24-Jun-98
S494D VISHAY-S494D Datasheet
35Kb / 3P
   Fast Soft Recovery Rectifier
Rev. 2, 24-Jun-98
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
MIC GROUP RECTIFIERS
SFR301 MIC-SFR301 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com