Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYX86 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BYX86
Description  Silicon Mesa Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYX86 Datasheet(HTML) 4 Page - Vishay Siliconix

  BYX86 Datasheet HTML 1Page - Vishay Siliconix BYX86 Datasheet HTML 2Page - Vishay Siliconix BYX86 Datasheet HTML 3Page - Vishay Siliconix BYX86 Datasheet HTML 4Page - Vishay Siliconix BYX86 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BYX82...BYX86
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
4 (5)
Document Number 86052
1
10
100
1000
tp – Pulse Length ( s )
94 9577
IFRM – Repetitive Peak
Forward Current ( A )
10–4
10–3
10–2
10–1
100
100
101
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Tamb=25°C
Tamb=45°C
Tamb=70°C
Tamb= 100°C
Single Pulse
Tamb= 125°C
Tamb= 150°C
VRRMv200V
RthJAv57K/W
Figure 7. Thermal Response
1
10
100
1000
tp – Pulse Length ( s )
94 9576
IFRM – Repetitive Peak
Forward Current ( A )
10–4
10–3
10–2
10–1
100
100
101
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Tamb=25°C
Tamb=45°C
70
°C
100
°C
Single Pulse
Tamb= 125°C
VRRMv1000V
t
v10ms
RthJAv57K/W
Figure 8. Thermal Response
Dimensions in mm
Cathode Identification
∅ 3.6 max.
∅ 0.82 max.
4.2 max.
Sintered Glass Case
SOD 57
Weight max. 0.5 g
technical drawings
according to DIN
specifications
94 9538
26 min.
26 min.


Similar Part No. - BYX86

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYX86 VISHAY-BYX86 Datasheet
129Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 09-Aug-10
logo
SUNMATE electronic Co.,...
BYX86 SUNMATE-BYX86 Datasheet
140Kb / 3P
   2.0A Axial Leaded Silicon Mesa Rectifiers
logo
Vishay Siliconix
BYX86 VISHAY-BYX86 Datasheet
134Kb / 6P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 11-Sep-12
BYX86 VISHAY-BYX86 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYX86-1000 VISHAY-BYX86-1000 Datasheet
152Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Similar Description - BYX86

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5059 VISHAY-1N5059 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY203 VISHAY-BY203 Datasheet
33Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW52 VISHAY-BYW52 Datasheet
134Kb / 6P
   Silicon Mesa Rectifiers
Rev. 1.6, 14-Apr-05
BY228-13 VISHAY-BY228-13 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW82 VISHAY-BYW82 Datasheet
50Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 3, 07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com