Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A1G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # 1A1G
Description  GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

1A1G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  1A1G Datasheet HTML 1Page - HY ELECTRONIC CORP. 1A1G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low forward voltage drop
Low reverse leakage current
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC R-1 molded plastic
Polarity: Color band denotes cathode
Weight: 0.15 grams
Mounting position : Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
CHARACTERISTICS
SYMBOL
1A1G
1A2G
1A3G
1A4G
1A5G
1A6G
1A7G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
2.Thermal resistance junction to ambient.
1A1G thru 1A7G
30
A
1.0
A
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
GLASS PASSIVATED RECTIFIERS
1.1
5.0
IFSM
I(AV)
~ 38 ~
IR
50
μA
10
26
-55 to +150
-55 to +150
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
R-1
.104(2.65)
.089(2.25)
.026(0.65)
.022(0.55)
.132(3.35)
.116(2.95)
1.0(25.4)
MIN.
1.0(25.4)
MIN.


Similar Part No. - 1A1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A1G PANJIT-1A1G Datasheet
51Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yangzhou yangjie electr...
1A1G YANGJIE-1A1G Datasheet
206Kb / 4P
   General Purpose Rectifier
logo
Rectron Semiconductor
1A1G RECTRON-1A1G Datasheet
22Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIER
logo
HY ELECTRONIC CORP.
1A1G HY-1A1G Datasheet
775Kb / 3P
   Glass Passivated Rectifiers
logo
Jinan Gude Electronic D...
1A1G JGD-1A1G Datasheet
127Kb / 2P
   1.0 AMP.GLASS PASSIVATED RECTIFIERS
More results

Similar Description - 1A1G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com