Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P400-1FG144PP Datasheet(PDF) 5 Page - Actel Corporation

Part # A3P400-1FG144PP
Description  ProASIC3 Flash Family FPGAs
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P400-1FG144PP Datasheet(HTML) 5 Page - Actel Corporation

  A3P400-1FG144PP Datasheet HTML 1Page - Actel Corporation A3P400-1FG144PP Datasheet HTML 2Page - Actel Corporation A3P400-1FG144PP Datasheet HTML 3Page - Actel Corporation A3P400-1FG144PP Datasheet HTML 4Page - Actel Corporation A3P400-1FG144PP Datasheet HTML 5Page - Actel Corporation A3P400-1FG144PP Datasheet HTML 6Page - Actel Corporation A3P400-1FG144PP Datasheet HTML 7Page - Actel Corporation A3P400-1FG144PP Datasheet HTML 8Page - Actel Corporation A3P400-1FG144PP Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 206 page
background image
v1.0
1 - 1
1 – ProASIC3 Device Family Overview
General Description
ProASIC3, the third-generation family of Actel flash FPGAs, offers performance, density, and
features beyond those of the ProASICPLUS® family. Nonvolatile flash technology gives ProASIC3
devices the advantage of being a secure, low-power, single-chip solution that is live at power-up
(LAPU). ProASIC3 is reprogrammable and offers time-to-market benefits at an ASIC-level unit cost.
These features enable designers to create high-density systems using existing ASIC or FPGA design
flows and tools.
ProASIC3 devices offer 1 kbit of on-chip, reprogrammable, nonvolatile FlashROM storage as well as
clock conditioning circuitry based on an integrated phase-locked loop (PLL). The A3P015 and
A3P030 devices have no PLL or RAM support. ProASIC3 devices have up to 1 million system gates,
supported with up to 144 kbits of true dual-port SRAM and up to 300 user I/Os.
ProASIC3 devices support the ARM7 soft IP core and Cortex-M1 devices. The ARM-enabled devices
have Actel ordering numbers that begin with M7A3P (CoreMP7) and M1A3P (Cortex-M1) and do
not support AES decryption.
Flash Advantages
Reduced Cost of Ownership
Advantages to the designer extend beyond low unit cost, performance, and ease of use. Unlike
SRAM-based FPGAs, flash-based ProASIC3 devices allow all functionality to be live at power-up; no
external boot PROM is required. On-board security mechanisms prevent access to all the
programming information and enable secure remote updates of the FPGA logic. Designers can
perform secure remote in-system reprogramming to support future design iterations and field
upgrades with confidence that valuable intellectual property (IP) cannot be compromised or
copied. Secure ISP can be performed using the industry-standard AES algorithm. The ProASIC3
family device architecture mitigates the need for ASIC migration at higher user volumes. This
makes the ProASIC3 family a cost-effective ASIC replacement solution, especially for applications in
the consumer, networking/ communications, computing, and avionics markets.
Security
The nonvolatile, flash-based ProASIC3 devices do not require a boot PROM, so there is no
vulnerable external bitstream that can be easily copied. ProASIC3 devices incorporate FlashLock,
which provides a unique combination of reprogrammability and design security without external
overhead, advantages that only an FPGA with nonvolatile flash programming can offer.
ProASIC3 devices utilize a 128-bit flash-based lock and a separate AES key to secure programmed
intellectual property and configuration data. In addition, all FlashROM data in ProASIC3 devices
can be encrypted prior to loading, using the industry-leading AES-128 (FIPS192) bit block cipher
encryption standard. The AES standard was adopted by the National Institute of Standards and
Technology (NIST) in 2000 and replaces the 1977 DES standard. ProASIC3 devices have a built-in AES
decryption engine and a flash-based AES key that make them the most comprehensive
programmable logic device security solution available today. ProASIC3 devices with AES-based
security allow for secure, remote field updates over public networks such as the Internet, and
ensure that valuable IP remains out of the hands of system overbuilders, system cloners, and IP
thieves. The contents of a programmed ProASIC3 device cannot be read back, although secure
design verification is possible.
ARM-enabled ProASIC3 devices do not support user-controlled AES security mechanisms. Since the
ARM core must be protected at all times, AES encryption is always on for the core logic, so
bitstreams are always encrypted. There is no user access to encryption for the FlashROM
programming data.


Similar Part No. - A3P400-1FG144PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P400-1FG144PP MICROSEMI-A3P400-1FG144PP Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3P400-1FG144PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com