Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A2 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # 10A2
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

10A2 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  10A2 Datasheet HTML 1Page - HY ELECTRONIC CORP. 10A2 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
10A05 thru 10A10
~ 27 ~
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
4.0
2.0
0
6.0
8.0
10.0
12.0
25
50
125
100
75
150
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.3 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
1000
100
0
1
4
10
100
TJ = 25°C
f = 1 MHz
0
1.0
10
0.1
100
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
PULSE WIDTH 300us
TJ = 25°C
NUMBER OF CYCLES AT 60Hz
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
1
300
200
100
0
400
2
5
10
20
50
100
PULSE WIDTH 8.3
ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)


Similar Part No. - 10A2

ManufacturerPart #DatasheetDescription
logo
Bytes
10A2 BYTES-10A2 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Guangdong Juxing Electr...
10A2 JUXING-10A2 Datasheet
813Kb / 2P
   SILICON RECTIFIER
logo
Rugao Dachang Electroni...
10A2 DACHANG-10A2 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
logo
Diode Semiconductor Kor...
10A2 DSK-10A2 Datasheet
260Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
List of Unclassifed Man...
10A2 ETC1-10A2 Datasheet
574Kb / 2P
   10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
More results

Similar Description - 10A2

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com