Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LND2951-3.3 Datasheet(PDF) 5 Page - Linear Dimensions Semiconductor

Part # LND2951-3.3
Description  100mA Low Dropout Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND2951-3.3 Datasheet(HTML) 5 Page - Linear Dimensions Semiconductor

  LND2951-3.3 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND2951-3.3 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND2951-3.3 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND2951-3.3 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND2951-3.3 Datasheet HTML 5Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TYPICAL APPLICATIONS
LND2950 / LND2951
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •
Wide Input Voltage Range Current Limiter
ERROR
OUTPUT
SHUTDOWN
INPUT
LND2951
GND
FB
8
1
7
4
3
5
ERROR
+V
IN
*V
IN
V
IN
OUT
*Minimum input-output voltage ranges from
40mV to 400mV, depending on load current.
Current limit is typically 160mA.
OUT
V
+V
1 F
µ
LND29500Z-5.0
*V
OUT
5V
OUT
V
+V
IN
5V BUS
GND
*Minimum input-output voltage ranges from
40mV to 400mV, depending on load current.
Current limit is typically 160mA.
+
5V Current Limiter
LND2951
GND
FB
8
1
7
4
3
5
ERROR
+V
IN
IN
OUT
V
+V
SD
RESET
1 F
µ
R1
R2
OUT
V
470k
470k
+
Latch Off When Error Flag Occurs
INPUT
1
F
1
µ
4
1.2
30V
GND
SD
SHUTDOWN
8
1%
OUT
*V
V
= 1.23/R
I
1
F
IN
LND2951
+V=
3
7
I
L
R
µ
FB
L
OUT
LOAD
V
+
Low Drift Current Source


Similar Part No. - LND2951-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND2907HT LINEAR_DIMENSIONS-LND2907HT Datasheet
100Kb / 1P
   10-Bit Successive Approximation Register Analog-to-
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
LND2931-10 LINEAR_DIMENSIONS-LND2931-10 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
LND2931-12 LINEAR_DIMENSIONS-LND2931-12 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
LND2931-15 LINEAR_DIMENSIONS-LND2931-15 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
More results

Similar Description - LND2951-3.3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com