Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LND1117-3.5 Datasheet(PDF) 6 Page - Linear Dimensions Semiconductor

Part # LND1117-3.5
Description  800mA Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND1117-3.5 Datasheet(HTML) 6 Page - Linear Dimensions Semiconductor

  LND1117-3.5 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND1117-3.5 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND1117-3.5 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND1117-3.5 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND1117-3.5 Datasheet HTML 5Page - Linear Dimensions Semiconductor LND1117-3.5 Datasheet HTML 6Page - Linear Dimensions Semiconductor LND1117-3.5 Datasheet HTML 7Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LND1117
Figure 1 Conventional Load Sensing
Figure 2. Remote Load Sensing
(
Iout ) (Rp)
Time
Iout
Vout
Figure 2
Vout
Figure 1
A
B
Figure 3. Remote sensing improves Load Regulation
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •
5.0V
3.3V
CONTROL
POWER
SENSE
OUTPUT
ADJ
LOAD
R1
R2
R
R
p
p
LND1117
5.0V
3.3V
CONTROL
POWER
SENSE
OUTPUT
ADJ
LOAD
R1
R2
R
R
p
p
LND1117


Similar Part No. - LND1117-3.5

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1084 LINEAR_DIMENSIONS-LND1084 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
LND1086 LINEAR_DIMENSIONS-LND1086 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
More results

Similar Description - LND1117-3.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com