Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LND2931-15 Datasheet(PDF) 2 Page - Linear Dimensions Semiconductor

Part # LND2931-15
Description  100mA Low Dropout Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND2931-15 Datasheet(HTML) 2 Page - Linear Dimensions Semiconductor

  LND2931-15 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND2931-15 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND2931-15 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND2931-15 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND2931-15 Datasheet HTML 5Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Dissipation
Internally Limited
Lead Temperature(Soldering, 5 seconds)
260ºC
Storage Temperature Range
-65ºC to +150ºC
Operating Junction Temperature Range
-55ºC to +150ºC
Input Supply Voltage
-20V to +35V
Vout , VOLTS
Device
3.3V*
LND2931-3.3
5.0V
LND2931-5.0
8.0V
LND2931-8.0
8.5V
LND2931-8.5
9.0V
LND2931-9.0
10.0V
LND2931-10
12.0V
LND2931-12
15.0V
LND2931-15
3.0v to 24V
LND2931
* Other fixed versions are also available, VOUT =2.0V to 5.0V. Please consult for more information.
ABSOLUTE MAXIMUM RATINGS
LND2931
DEVICE SELECTION GUIDE
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •
OUTPUT
GND
INPUT
TO-92
(Bottom View)
TO-220
INPUT
OUTPUT
GND
(Top View)


Similar Part No. - LND2931-15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND2907HT LINEAR_DIMENSIONS-LND2907HT Datasheet
100Kb / 1P
   10-Bit Successive Approximation Register Analog-to-
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
LND2951 LINEAR_DIMENSIONS-LND2951 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
LND2951-2.85 LINEAR_DIMENSIONS-LND2951-2.85 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
LND2951-3.0 LINEAR_DIMENSIONS-LND2951-3.0 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
More results

Similar Description - LND2931-15

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com