Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LND823 Datasheet(PDF) 4 Page - Linear Dimensions Semiconductor

Part # LND823
Description  POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND823 Datasheet(HTML) 4 Page - Linear Dimensions Semiconductor

  LND823 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND823 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND823 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND823 Datasheet HTML 4Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IS
Continuous Source
Current
--
2.5
ISM
Pulsed Source Current
(Body Diode) (1)
MOSFET symbol showing
the integral reverse p-n
junction diode
--
8.0
A
VSD
Diode Forward Voltage
TJ=25
°C, IS=2.5A,
VGS=0V(4)
--
1.6
V
trr
Reverse Recovery Time
TJ=25
°C, IF=2.1A,
di/dt=100A/
µs (4)
-
-
520
nS
Qrr
Reverse Recovery Charge
-
0.70
1.4
µC
tON
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by
LS+LD)
Notes : 1 : Repetitvie rating :pulse width limited by max. junction temperature
2 : VDD=50V, starting TJ =25
°C,L=60mH RG=25Ω, IAS =2.5A
3 : ISD ≤ 2.5A, di/dt≤50 A/µs, VDD ≤ V(BR)DSS ,TJ≤150°C
4 : Pulse width
≤ 300µs; duty cycle≤ 2%
LND820/821/822/823
SOURCE-DRAIN RATING AND CHARACTERISTICS
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND823

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND8924 LINEAR_DIMENSIONS-LND8924 Datasheet
124Kb / 1P
   DRIVER: 160 Output, 8 Input, Dynamic Drive Ch-LCD Driver
LND8925 LINEAR_DIMENSIONS-LND8925 Datasheet
118Kb / 1P
   60 V Led Driver, 12 Channel, 40mA
More results

Similar Description - LND823

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com