Electronic Components Datasheet Search |
|
GBU25005 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
GBU25005 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 2 page FEATURES ● Surge overload rating -350 amperes peak ● Ideal for printed circuit board ● Reliable low cost construction utilizing molded plastic technique ● Plastic material has U/L flammability classification 94V-0 ● Mounting postition:Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS GBU GBU GBU GBU GBU GBU GBU 25005 2501 2502 2504 2506 2508 2510 Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100℃ (without heatsink) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 12.5A DC VF V Maximum DC Reverse Current @ TJ=25℃ at Rated DC Blocking Voltage @ TJ=125℃ I2t Rating for Fusing (t<8.3ms) I2t A2s Typical Junction Capacitance Per Element (Note1) CJ pF Typical Thermal Resistance RθJC ℃ /W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 100mm*100mm*1.6mm Cu plate heatsink. SYMBOL UNIT CHARACTERISTICS Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% Rating at 25℃ ambient temperature unless otherwise specified. REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 25.0 Amperes GLASS PASSIVATED BRIDGE RECTIFIERS Dimensions in inches and (milimeters) -55 to +150 IFSM 200 70 2.2 500 A 350 25.0 4.2 ~ 484 ~ GBU25005 thru GBU2510 A IR 1.1 I(AV) -55 to +150 10.0 μA GBU .874(22.2) .860(21.8) .146(3.7) .154(3.9) .224(5.7) .232(5.9) .126(3.2)*45° CHAMFER .720(18.3) .752(19.1) .720(18.29) .680(17.27) .073(1.85) .057(1.45) .035(0.9) .047(1.2) .100(2.54) .085(2.16) .065(1.65) .080(2.03) (5.3) (4.8) .210 .190 .190 .210 (4.8) (5.3) (5.3) (4.8) .210 .190 .133(3.37) .139(3.53) .091(2.3) .106(2.7) .022(.56) .018(.46) .401(10.2) .392(9.80) .437(11.1) .430(10.9) |
Similar Part No. - GBU25005 |
|
Similar Description - GBU25005 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |