Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HERF1603 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HERF1603
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HERF1603 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HERF1603 Datasheet HTML 1Page - HY ELECTRONIC CORP. HERF1603 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low power lose;high efficiency
Low forward voltage drop
Low thermal resistance
High current capability
High speed switching
High reliability
MECHANICAL DATA
Case: ITO-220AC molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: MIL-STD-202E method 208C guaranteed
Mounting position :Any
Weight: 2.24 grams
polarity:As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HERF
HERF
HERF
HERF
HERF
HERF
HERF
HERF
1601
1602
1603
1604
1605
1606
1607
1608
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Typical Thermal Resistance
RθJA
/W
Typical Junction Capacitance (Note2)
CJ
pF
Peak Forward Voltage at 16.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note1)
TRR
nS
Operating and Storage Temperature Range
TJ,TSTG
10
IFSM
A
HERF1601 thru HERF1608
HIGH EFFICIENCY GLASS PASSIVATED
RECTIFIERS
IO
UNIT
SYMBOL
CHARACTERISTICS
16.0
-55 to + 150
Dimensions in inches and (millimeters)
~ 128 ~
IR
μA
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
60
150
1.0
1.3
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 16.0 Amperes
300
2.5
80
A
1.7
ITO-220AC
.020(0.51)
.030(0.76)
.030(0.76)
.020(0.51)
.106(2.7)
.118(3.0)
.571(14.5)
.610(15.5)
.122(3.1)
.138(3.5)
.571(14.5)
.531(13.5)
.043(1.1)
.059(1.5)
.098(2.5)
.114(2.9)
.173(4.4)
.189(4.8)
.102(2.6)
.118(3.0)
.406(10.3)
.386(9.8)
.112(2.84)
.088(2.24)
.157(4.0)
.142(3.6)
.04 MAX
(1.0)


Similar Part No. - HERF1603

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
HERF1603 MIC-HERF1603 Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
HY ELECTRONIC CORP.
HERF1603 HY-HERF1603 Datasheet
425Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
MIC GROUP RECTIFIERS
HERF1603C MIC-HERF1603C Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Goodwork Semiconductor ...
HERF1603CT GWSEMI-HERF1603CT Datasheet
74Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
HY ELECTRONIC CORP.
HERF1603CT HY-HERF1603CT Datasheet
427Kb / 3P
   High Efficiency Glass Passivated Rectifiers
More results

Similar Description - HERF1603

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Marl International Limi...
CUR801 MARL-CUR801_15 Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
HER801 HY-HER801_17 Datasheet
144Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF801 HY-HERF801_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF1601 HY-HERF1601_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER20XG HY-HER20XG Datasheet
419Kb / 3P
   High Efficiency Glass Passivated Rectifiers
HER1601 HY-HER1601 Datasheet
94Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER30XG HY-HER30XG Datasheet
426Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER301G SECOS-HER301G_15 Datasheet
219Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Unisonic Technologies
HER504G UTC-HER504G Datasheet
154Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com