Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1XA Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # UF1XA
Description  SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

UF1XA Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  UF1XA Datasheet HTML 1Page - HY ELECTRONIC CORP. UF1XA Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: Molded Plastic
Polarity: lndicated by cathode band
Weight: 0.002 ounces,0.053 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HS1AA
HS1BA
HS1DA
HS1GA
HS1JA
HS1KA
HS1MA
UF1AA
UF1BA
UF1DA
UF1GA
UF1JA
UF1KA
UF1MA
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 1.0A DC
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
CHARACTERISTICS
SYMBOL
UNIT
HS1XA / UF1XA SERIES
SURFACE MOUNT
RECTIFIERS
Dimensions in inches and (millimeters)
5.0
25
-55 to +125
1.0
30
A
I(AV)
~ 98 ~
-55 to +150
50
75
20
10
1.0
IFSM
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient.
NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
HIGH EFFICIENCY (ULTRA FAST)
A
100
IR
μA
1.7
A-SMA
.030(0.76)
.060(1.52)
.103(2.62)
.079(2.00)
.188(4.80)
.208(5.28)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.157(4.00)
.181(4.60)
.098(2.50)
.114(2.90)
.051(1.30)
.039(1.00)


Similar Part No. - UF1XA

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
UF1X HORNBY-UF1X Datasheet
269Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - UF1XA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA_17 Datasheet
0Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HS1AA HY-HS1AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HS1XA HY-HS1XA_V01 Datasheet
429Kb / 3P
   Surface Mount High Efficiency (Ultra Fast) Rectifiers
HS2X HY-HS2X Datasheet
91Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
H1AL HY-H1AL_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS1A HY-HS1A_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS2A HY-HS2A_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3A HY-HS3A_17 Datasheet
166Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
HS3AB HY-HS3AB_17 Datasheet
135Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
UF2AA HY-UF2AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com