Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF1GA Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # UF1GA
Description  SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

UF1GA Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  UF1GA Datasheet HTML 1Page - HY ELECTRONIC CORP. UF1GA Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
HS1XA / UF1XA SERIES
~ 99 ~
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
20
10
0
30
40
2
5
10
20
50
100
FIG.3 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
1
100
10
1
4
10
100
HS1AA - HS1GA
(UF1AA - UF1GA)
HS1JA - HS1MA
(UF1JA - UF1MA)
TJ = 25°C
f = 1 MHz
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.4
0.2
0
25
0.6
0.8
1.0
50
75
100
125
150
175
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
TJ = 25°C
PULSE WIDTH 300us
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
10
1.0
0.01
0.1
HS1JA - HS1MA
(UF1JA - UF1MA)
HS1GA
(UF1GA)
HS1AA - HS1DA
(UF1AA - UF1DA)


Similar Part No. - UF1GA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF1GA HY-UF1GA Datasheet
429Kb / 3P
   Surface Mount High Efficiency (Ultra Fast) Rectifiers
More results

Similar Description - UF1GA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA_17 Datasheet
0Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HS1AA HY-HS1AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HS1XA HY-HS1XA_V01 Datasheet
429Kb / 3P
   Surface Mount High Efficiency (Ultra Fast) Rectifiers
HS2X HY-HS2X Datasheet
91Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
H1AL HY-H1AL_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS1A HY-HS1A_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS2A HY-HS2A_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3A HY-HS3A_17 Datasheet
166Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
HS3AB HY-HS3AB_17 Datasheet
135Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
UF2AA HY-UF2AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com