Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY70 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY70
Description  Reflective Optical Sensor with Transistor Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY70 Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY70 Datasheet HTML 1Page - Vishay Siliconix CNY70 Datasheet HTML 2Page - Vishay Siliconix CNY70 Datasheet HTML 3Page - Vishay Siliconix CNY70 Datasheet HTML 4Page - Vishay Siliconix CNY70 Datasheet HTML 5Page - Vishay Siliconix CNY70 Datasheet HTML 6Page - Vishay Siliconix CNY70 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CNY70
Vishay Telefunken
3 (7)
www.vishay.com
Document Number 83751
Rev. A4, 05–Apr–00
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 1 mA
VCEO
32
V
Emitter collector voltage
IE = 100 mA
VECO
5
V
Collector dark current
VCE = 20 V, If = 0, E = 0
ICEO
200
nA
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector current
VCE = 5 V, IF = 20 mA,
d = 0.3 mm (figure 1)
IC1)
0.3
1.0
mA
Cross talk current
VCE = 5 V, IF = 20 mA
(figure 1)
ICX2)
600
nA
Collector emitter satu-
ration voltage
IF = 20 mA, IC = 0.1 mA,
d = 0.3 mm (figure 1)
VCEsat1)
0.3
V
1) Measured with the ‘Kodak neutral test card’, white side with 90% diffuse reflectance
2) Measured without reflecting medium
~~
~
AC
C
E
Detector
Emitter
d
Reflecting medium
(Kodak neutral test card)
95 10808
Figure 1. Test circuit


Similar Part No. - CNY70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
147Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
CNY70 VISHAY-CNY70 Datasheet
317Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.0, 14-Mar-13
CNY70 VISHAY-CNY70 Datasheet
246Kb / 11P
   Reflective Optical Sensor with Transistor Output
01-Jan-2022
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
CNY70 VISHAY-CNY70_09 Datasheet
263Kb / 11P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
More results

Similar Description - CNY70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.1, 19-Jan-18
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
   Reflective Optical Sensor with Transistor Output
Rev. 1.2, 17-Aug-12
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
   Reflective Optical Sensor With Transistor Output
01-Jan-2022
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. A3, 27-May-99
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
   Reflective Optical Sensor With Transistor Output
01-Jan-2022
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
CNY70 VISHAY-CNY70_V01 Datasheet
246Kb / 11P
   Reflective Optical Sensor with Transistor Output
01-Jan-2022
TCRT5000 VISHAY-TCRT5000 Datasheet
436Kb / 8P
   Reflective Optical Sensor with Transistor Output
Rev. A4, 03-Jul-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com