Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU810 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # KBU810
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBU810 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  KBU810 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBU810 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
KBU8005 thru KBU810
~ 357 ~
FIG.3-MAXIMUM NON-RETETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
250
200
0
100
10
1
150
100
50
10
0.1
0
20
40
60
80
100
120
140
1.0
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE
TJ=25
TJ=100
FIG.5-TYPICAL JUNCTION CAPACITANCE PER ELEMENT
REVERSE VOLTAGE ,VOLTS
400
100
50
10
50
100
1
5
10
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE,
50
100
0
150
1.0
5.0
4.0
3.0
2.0
6.0
8.0
7.0
HEAT SINK
MOUNTING
MOUNTED ON4*4 INCH
COPPER PC BOARD.TA
.51(1.27mm)LEAD LENGTH
FIG.2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
100
0.1
1.2
1.1
1.0
0.9
0.8
0.7
0.6
40
20
10
4.0
1.0
0.4
0.2
1.3
TJ=25
PULSE WIDTH=300S
1%DUTY CYCLE


Similar Part No. - KBU810

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU810 WTE-KBU810 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBU810 YFWDIODE-KBU810 Datasheet
189Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBU810 YFWDIODE-KBU810 Datasheet
820Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU810 JGD-KBU810 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBU810 DGNJDZ-KBU810 Datasheet
478Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - KBU810

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com