Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU802 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBU802
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBU802 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBU802 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBU802 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -200 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has UL
Mounting postition:Any
Mounting torgue:5 In.Ib.Max
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL KBU8005 KBU801 KBU802 KBU804 KBU806 KBU808 KBU810
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Output Current at
TC=100℃
Peak Forward Surge Current 8.3ms single
Half Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
Maximum Instantanous Forward Voltage Drop
per Element at 4.0A
Maximum Reverse Leakage at rated TJ=25℃
DC Blocking Voltage Per Element
TJ=100℃
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
μA
8.0
200
250
KBU8005 thru KBU810
A
REVERSE VOLTAGE - 50 to 1000Volts
Dimensions in inches and (milimeters)
V
~ 356 ~
FORWARD CURRENT - 8.0 Amperes
SILICON BRIDGE RECTIFIERS
A
-55 to +150
I(AV)
IFSM
VF
IR
1.0
10
300
-55 to +125
KBU
.935(23.7)
.895(22.7)
.600(16.8)
.700(17.8)
300
(7.5)
.780(19.8)
.740(18.8)
(25.4)
1.00
MIN.
.052(1.3)DIA.
.048(1.2)TYP.
.071(1.8)
.087(2.2)
.220(5.6)
.180(4.6)
.256(6.5)
.276(7.0)
.15 X23L
(3.8 X5.7L)
HOLE THRU
.157(4.0)*45°


Similar Part No. - KBU802

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU802 WTE-KBU802 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
KBU802 SAMYANG-KBU802 Datasheet
500Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
RFE international
KBU802 RFE-KBU802 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
DONGGUAN YOU FENG WEI E...
KBU802 YFWDIODE-KBU802 Datasheet
478Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU802 JGD-KBU802 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU802

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com