Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU1510 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBU1510
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBU1510 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBU1510 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBU1510 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -300 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
KBU
KBU
KBU
KBU
KBU
KBU
KBU
15005
1501
1502
1504
1506
1508
1510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 1)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 7.5A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
SILICON BRIDGE RECTIFIERS
UNIT
Rating at 25℃ ambient temperature unless otherwise specified.
CHARACTERISTICS
SYMBOL
15.0
3.2
A
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
-55 to+125
IFSM
500
1.1
300
10
~ 360 ~
KBU15005 thru KBU1510
A
IR
I(AV)
-55 to+150
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 15.0 Amperes
Dimensions in inches and (milimeters)
μA
KBU
.935(23.7)
.895(22.7)
.600(16.8)
.700(17.8)
300
(7.5)
.780(19.8)
.740(18.8)
(25.4)
1.00
MIN.
.052(1.3)DIA.
.048(1.2)TYP.
.071(1.8)
.087(2.2)
.220(5.6)
.180(4.6)
.256(6.5)
.276(7.0)
.15 X23L
(3.8 X5.7L)
HOLE THRU
.157(4.0)*45°


Similar Part No. - KBU1510

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
KBU1510 YANGJIE-KBU1510 Datasheet
269Kb / 2P
   SINGLE PHASE 10/15/25/35AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBU1510 CHENG-YI-KBU1510 Datasheet
125Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
KBU1510 RFE-KBU1510 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Electronics ...
KBU1510 CHENDA-KBU1510 Datasheet
540Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBU1510 YANGJIE-KBU1510 Datasheet
96Kb / 2P
   Bridge Rectifier
More results

Similar Description - KBU1510

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com