Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17G-1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY17G-1
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17G-1 Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY17G-1 Datasheet HTML 1Page - Vishay Siliconix CNY17G-1 Datasheet HTML 2Page - Vishay Siliconix CNY17G-1 Datasheet HTML 3Page - Vishay Siliconix CNY17G-1 Datasheet HTML 4Page - Vishay Siliconix CNY17G-1 Datasheet HTML 5Page - Vishay Siliconix CNY17G-1 Datasheet HTML 6Page - Vishay Siliconix CNY17G-1 Datasheet HTML 7Page - Vishay Siliconix CNY17G-1 Datasheet HTML 8Page - Vishay Siliconix CNY17G-1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CNY17
Document Number 83606
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Current Transfer Ratio and collector-emitter leakage current by dash number (Tamb°C)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Breakdown voltage
IR = 10 mA
VBR
6.0
V
Reserve current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance
Rth
750
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
5.2
pF
Collector - base capacitance
VCB = 5.0 V, f = 1.0 MHz
CCB
6.5
pF
Emitter - base capacitance
VEB = 5.0 V, f = 1.0 MHz
CEB
7.5
pF
Thermal resistance
Rth
500
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Collector-emitter saturation
voltage
VF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.6
pF
Collector-emitter leakage
current
VCE = 10 V, ICEO
CNY17-1
ICEO
2.0
50
nA
CNY17-2
ICEO
2.0
50
nA
CNY17-3
ICEO
5.0
100
nA
CNY17-4
ICEO
5.0
100
nA
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
IF = 10 mA, VCE = 5.0 V
CNY17-1
CTR
40
80
%
CNY17-2
CTR
63
125
%
CNY17-3
CTR
100
200
%
CNY17-4
CTR
160
320
%
IF = 1.0 mA, VCE = 5.0 V
CNY17-1
CTR
13
30
%
CNY17-2
CTR
22
45
%
CNY17-3
CTR
34
70
%
CNY17-4
CTR
56
90
%


Similar Part No. - CNY17G-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17G-1 VISHAY-CNY17G-1 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
More results

Similar Description - CNY17G-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com