Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY65A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CNY65A
Description  Optocoupler with Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY65A Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY65A Datasheet HTML 1Page - Vishay Siliconix CNY65A Datasheet HTML 2Page - Vishay Siliconix CNY65A Datasheet HTML 3Page - Vishay Siliconix CNY65A Datasheet HTML 4Page - Vishay Siliconix CNY65A Datasheet HTML 5Page - Vishay Siliconix CNY65A Datasheet HTML 6Page - Vishay Siliconix CNY65A Datasheet HTML 7Page - Vishay Siliconix CNY65A Datasheet HTML 8Page - Vishay Siliconix CNY65A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CNY64/ CNY65/ CNY66
Document Number 83540
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
C
E
A
C
Top View
17187
65
66
64
V
DE
Pb
Pb-free
e4
Optocoupler, Phototransistor Output, Very High Isolation
Voltage
Features
• Rated isolation voltage (RMS includes DC)
VIOWM = 1000 VRMS (1450 V peak)
• Rated recurring peak voltage (repetitive)
VIORM = 1000 VRMS
• Thickness through insulation
≥ 3 mm
• Creepage current resistance according to VDE
0303/IEC 60112 Comparative Tracking Index:
CTI
≥ 200
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E76222 System Code H,J &K,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
• VDE related features:
• Rated impulse voltage (transient overvoltage)
VIOTM = 8 kV peak
• Isolation test voltage (partial discharge test volt-
age) Vpd = 2.8 kV peak
Applications
Circuits for safe protective separation against electri-
cal shock according to safety class II (reinforced iso-
lation):
For appl. class I - IV at mains voltage
≤ 300 V
For appl. class I - IV at mains voltage
≤ 600 V
For appl. class I - III at mains voltage
≤ 1000 V accord-
ing to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-
5-5 pending, table 2, suitable for:
Switch-mode power supplies, line receiver, computer
peripheral interface, microprocessor system inter-
face.
Order Information
Description
The CNY64/ CNY65/ CNY66 consist of a phototrans-
istor optically coupled to a gallium arsenide infrared-
emitting diode in a 4-pin plastic package.
The single components are mounted opposite one
another, providing a distance between input and out-
put for highest safety requirements of > 3 mm.
VDE Standards
These couplers perform safety functions according to the following
equipment standards:
DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5
pending
Optocoupler for electrical safety requirements
IEC 60950/EN 60950
Part
Remarks
CNY64
CTR 50 - 300 %, High Isolation Distance, 4 PIN
CNY65
CTR 50 - 300 %, High Isolation Distance, 4 PIN
CNY66
CTR 50 - 300 %, High Isolation Distance, 4 PIN
CNY64A
CTR 63 - 125 %, High Isolation Distance, 4 PIN
CNY65A
CTR 63 - 125 %, High Isolation Distance, 4 PIN
CNY64B
CTR 100 - 200 %, High Isolation Distance, 4 PIN
CNY65B
CTR 100 - 200 %, High Isolation Distance, 4 PIN


Similar Part No. - CNY65A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65A VISHAY-CNY65A Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY65A VISHAY-CNY65A Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
CNY65A VISHAY-CNY65A Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY65ABST VISHAY-CNY65ABST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY65ABST VISHAY-CNY65ABST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
More results

Similar Description - CNY65A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com