Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY65A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CNY65A
Description  Optocoupler with Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY65A Datasheet(HTML) 2 Page - Vishay Siliconix

  CNY65A Datasheet HTML 1Page - Vishay Siliconix CNY65A Datasheet HTML 2Page - Vishay Siliconix CNY65A Datasheet HTML 3Page - Vishay Siliconix CNY65A Datasheet HTML 4Page - Vishay Siliconix CNY65A Datasheet HTML 5Page - Vishay Siliconix CNY65A Datasheet HTML 6Page - Vishay Siliconix CNY65A Datasheet HTML 7Page - Vishay Siliconix CNY65A Datasheet HTML 8Page - Vishay Siliconix CNY65A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83540
Rev. 1.6, 26-Oct-04
VISHAY
CNY64/ CNY65/ CNY66
Vishay Semiconductors
Office machines (applied for reinforced isolation for mains voltage
400 VRMS)
VDE 0804
Telecommunication apparatus and data processing
IEC 60065
Safety for mains-operated electronic and related household appa-
ratus
VDE 0700/IEC 60335
Household equipment
VDE 0160
Electronic equipment for electrical power installation
VDE 0750/IEC 60601
Medical equipment
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5
V
Forward current
IF
75
mA
Forward surge current
tp ≤ 10 µsIFSM
1.5
A
Power dissipation
Pdiss
120
mW
Junction temperature
Tj
100
°C
Parameter
Test condition
Symbol
Value
Unit
Collector emitter voltage
VCEO
32
V
Emitter collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
130
mW
Junction temperature
Tj
100
°C
Parameter
Test condition
Symbol
Value
Unit
AC isolation test voltage (RMS)
t = 1 min
VISO
8.2
kV
Total power dissipation
Ptot
250
mW
Ambient temperature range
Tamb
- 55 to + 85
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
2 mm from case, t
≤ 10 s
Tsld
260
°C


Similar Part No. - CNY65A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65A VISHAY-CNY65A Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY65A VISHAY-CNY65A Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
CNY65A VISHAY-CNY65A Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY65ABST VISHAY-CNY65ABST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY65ABST VISHAY-CNY65ABST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
More results

Similar Description - CNY65A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com